PART |
Description |
Maker |
R1005250L |
Si Reverse, low current, 5 - 100MHz, 25.4dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
EL2120 EL2120CS EL2120CN |
100MHz Current Feedback Amplifier 100MHz的电流反馈放大器 Op Amp, Current Feedback, 100MHz, with Disable
|
Intersil, Corp. Intersil Corporation
|
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
70V24S15PF 70V25S15J 70V35L25PF8 IDT70V35L25PF8 ID |
4K X 16 3.3V DUAL-PORT SRAM TQFP-100 8K X 16 DUAL-PORT SRAM, 15 ns, PQCC84 8K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 4K X 16 DUAL-PORT SRAM, 35 ns, CPGA84
|
INTEGRATED DEVICE TECHNOLOGY INC
|
HA3-5020-9 |
100MHz Current Feedback Video Amplifier With Disable
|
Intersil Corporation
|
AM2149-70PCB AM2149-70DCB AM2149-70LCB AM21L48-55D |
x4 SRAM Dual 100MHz Current Feedback Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Quad 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 4-Input Video Multiplexer with 75MHz Current Feedback Amplifier; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 500MHz, 3nV/rtHz, AV >=10 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 100MHz Current Feedback Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C Low Dropout Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 140MHz Video Current Feedback Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise Very High Speed Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Power, High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C x4的SRAM 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C x4的SRAM 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C x4的SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C x4的SRAM 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C x4的SRAM 500MHz, 3nV/rtHz, AV >=10 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Very High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C
|
Advanced Micro Devices, Inc. Amphenol, Corp. Glenair, Inc.
|
LT1228 LT1228C LT1228CJ8 LT1228CN8 LT1228CS8 LT122 |
From old datasheet system 100MHz Current Feedback Amplifier with DC Gain Control
|
LINER[Linear Technology]
|
AS7C3256AA AS7C3256A AS7C3256A-20TIN AS7C3256A-10J |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-TSSOP -40 to 85 32K X 8 STANDARD SRAM, 20 ns, PDSO28 IC,AS7C3256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,3.3V 32K X 8 STANDARD SRAM, 10 ns, PDSO28 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 10 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-SOIC -40 to 85 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-TVSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Memory, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
LT1813DDDPBF |
Dual 3mA, 100MHz, 750V/μs Operational Amplifier
|
Linear Technology
|
CY7C0851AV-167BBC CY7C0851AV-133AXC CY7C0852AV-133 |
FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PBGA172 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
|