PART |
Description |
Maker |
A118006 A1183LUA-T A1180 A1181 A1182 A1182ELHLT-T |
Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
|
ALLEGRO[Allegro MicroSystems]
|
BT139 BT139-600E |
Passivated, sensitive gate triacs in a SOT78 (TO-220AB) plastic package. BT139 series E Triacs; sensitive gate
|
NXP Semiconductors
|
MAC997A6RLRP MAC997A8 MAC997A8RL1 MAC997A8RLRP MAC |
Sensitive Gate Triacs Silicon Bidirectional Thyristors SENSITIVE GATE TRACS 617SS Series Unipolar Hall-Effect Digital Position Sensor; dual output; 4-pin DIP IC 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ONSEMI[ON Semiconductor]
|
T2322-D T2322B |
Sensitive gate Triac Silicon Bidirectional Thyristors(2.5A,200V敏感门三端双向可控硅晶闸 TRIAC 2.5A 200V Sensitive Gate Triacs
|
ON Semiconductor
|
MAC4DLM-D MAC4DLM-1G |
Sensitive Gate Triacs; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
3141 A3143 UGN3120ELT UGN3120EUA UGN3120LLT UGN312 |
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION 敏感的霍尔效应开关高温作 IC SENSOR 1 CHAN QTOUCH SOT23-6 (UGN3141 - UGN3144) SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION Sensitive Hall-Effect Switches, High-Temperature
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems] http://
|
22-01-1104 0022011104 5102-10 |
2.50mm (.098) Pitch SPOX Wire-to-Wire and Wire-to-Board Receptacle Housing, 10 Circuits
|
Molex Electronics Ltd.
|
5005920600 500592-0600 SD-500592-001 |
2.50mm (.098) Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 6 Circuits
|
Molex Electronics Ltd.
|
0511110300 51111-0300 |
2.50mm (.098) Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, WithRetainer, 3 Circuits
|
Molex Electronics Ltd.
|
0510210900 51021-0900 |
1.25mm (.049) Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 9Circuits
|
Molex Electronics Ltd.
|