PART |
Description |
Maker |
MC68HC11E0MFN2 MC68HC11E20MFN2 MC68HC11E9FN3 MC68H |
(MC68HC711E Series) Microcontrollers Microcontrollers 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP52 Microcontrollers 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, EEPROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 Microcontrollers 8-BIT, UVPROM, 2 MHz, MICROCONTROLLER, CQCC52 Microcontrollers 8-BIT, 2 MHz, MICROCONTROLLER, PDIP56 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, UVPROM, 3 MHz, MICROCONTROLLER, CQCC52 POT 20K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 POT 2.0K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52 56 PF 2% 50V NPO (0805) CHIP CAP 8-channel, 8-bit analog-to-digital (A/D) converter
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
SAF-C508-4RM SAF-C508-4EMAA |
8-Bit Microcontrollers - 32-KBytes ROM, -40/85 degC 8-Bit Microcontrollers - OTP
|
Infineon
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
MB89589B MB89585BW MB89585B MB89583BW MB89583B E71 |
F2MC-8L/Low Power/Low Voltage Microcontrollers Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product From old datasheet system 8-bit Proprietary Microcontrollers
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
OM5234 OM5284 OM5284EA01 OM5284EA02 OM5284EA03 OM5 |
CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PIC16F630 PIC16F676 PIC12F630 PIC16F676PIC16F630 1 |
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers (PIC12F676 / PIC12F630) 14-Pin Flash Based 8-Bit CMOS Microcontrollers IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,14PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
PD78F4225GC PD78F4225GK PD78215GF PD78215GC |
16 Bit General-Purpose Microcontrollers(16通用微控制器) 16 Bit General-Purpose Microcontrollers(16位通用微控制器) 16位通用微控制器16位通用微控制器
|
NEC Corp. NEC, Corp.
|
PIC16F747-I/P PIC16F747-I/ML PIC16F747-I/SO PIC16F |
(PIC16F7x7) 28/40/44-Pin / 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin位闪存微控制器的CMOS位A / D和纳瓦技0
|
Microchip Technology Inc. Microchip Technology, Inc.
|
DS89C430-MNL DS87C520-QCL MAX7310AUE DS5250F-1N5 D |
Ultra-High-Speed Flash Microcontrollers 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 EPROM/ROM High-Speed Microcontrollers 8-BIT, OTPROM, MICROCONTROLLER, PQCC44 2-Wire-Interfaced 8-Bit I/O Port Expander with Reset 8 I/O, PIA-GENERAL PURPOSE, PDSO16 High-Speed Secure Microcontroller 8-BIT, 25 MHz, MICROCONTROLLER, PQFP100 High-Speed Secure Microcontroller 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PQFP100 Ultra-High-Speed Flash Microcontrollers 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 128k Soft Microprocessor Chip 8-BIT, 16 MHz, MICROCONTROLLER, PQFP80 SPECIALTY MICROPROCESSOR CIRCUIT, PQFP48 SPECIALTY MICROPROCESSOR CIRCUIT, PDIP14 8-BIT, 75 MHz, MICROCONTROLLER, PQFP100 SPECIALTY MICROPROCESSOR CIRCUIT, PDIP20 SPECIALTY MICROPROCESSOR CIRCUIT, PDIP16 8-BIT, 16 MHz, MICROCONTROLLER, SMA72 128k Soft Microcontroller Module 8-BIT, MICROCONTROLLER, SMA72 8-BIT, 12 MHz, MICROCONTROLLER, SMA72 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-BIT, 16 MHz, MICROCONTROLLER, DMA40 8-BIT, 12 MHz, MICROCONTROLLER, SMA40 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PDIP40
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC DALLAS SEMICONDUCTOR
|
|