PART |
Description |
Maker |
MAX9715EUE_ MAX9715 MAX9715ETE_ |
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
|
MAXIM[Maxim Integrated Products]
|
EUA2380 |
10-W Inductor Free Stereo Audio Amplifier with Low EMI
|
Eutech Microelectronics...
|
MAX9770 MAX9770ETI MAX9770EUI |
1.2W Low-EMI / Filterless / Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers 1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX9752CETI |
2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers 1.7 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC28
|
Maxim Integrated Products, Inc.
|
BXA10-48S12 BXA10-48S12W BXA10-48S15 BXA10 BXA10-1 |
2-line IPAD", EMI filter including ESD protection DC至DC转换 6-line IPAD", EMI filter including ESD protection 2-line IPAD", EMI filter including ESD protection 6-line IPAD", low capacitance EMI filter and ESD protection Mini and micro SD Card - EMI filtering and 25 kV ESD protection 7-line IPAD", EMI filter and ESD protection for LCD and cameras 6 line low capacitance EMI filter and ESD protection DC to DC Converter 8 line low capacitance EMI filter and ESD protection 8-10W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
BS616LV2016 BS616LV201 BS616LV2016DC BS616LV2016EI |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 LM4935 Boomer ® Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC; Package: MICRO SMDXT; No of Pins: 49 非常低功电压CMOS SRAM28K的16 LM49370 Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers; Package: MICRO SMDXT; No of Pins: 49 Asynchronous 2M(128Kx16) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
TDA1309H |
Low-voltage low-power stereo bitstream ADC/DAC
|
PHILIPS[Philips Semiconductors]
|
ASM3I622S00BF-08-SR ASM3I622S00BF-08-ST ASM3I622S0 |
Low Frequency Timing-Safe垄芒 Peak EMI reduction IC Low Frequency Timing-Safe Peak EMI reduction IC Low Frequency Timing-Safe?/a> Peak EMI reduction IC
|
PulseCore Semiconductor http://
|
PL155AC-213 PLR155AC-213 |
ST. TRB PLUG 9272 Ultra-Low Power RS485 Low EMI Transceiver with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Ultra-Low Power RS485 Low EMI Transceiver with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C A插头9272
|
Electronic Theatre Controls, Inc.
|
MAX512 MAX512CPD MAX512CSD MAX512EPD MAX512ESD MAX |
From old datasheet system Stereo Class-AB Audio Amplifier with Stereo Headphone Drive and I2C Control 24-HTSSOP -40 to 85 CAP 331PF 25V CERAMIC X7R 0201 Low-Cost / Triple / 8-Bit Voltage-Output DACs with Serial Interface Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 70 us SETTLING TIME, 8-BIT DAC, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD74322 AD74322AARU AD74322DAR |
Low Cost/ Low Power Stereo Audio Analog Front End Low Cost, Low Power Stereo Audio Analog Front End
|
Analog Devices ANALOG DEVICES INC
|