PART |
Description |
Maker |
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
IS80C31 IS80C31-12PL IS80C31-12PLI IS80C31-12PQ IS |
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PDIP40 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44
|
Integrated Silicon Solu... Integrated Silicon Solution, Inc. Integrated Silicon Solution Inc
|
M37210M4-227SP M37210M4-218SP M37210M3-560SP M3721 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER SINGLE CHIP 8-BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER Single Chip 8-Bit CMOS MICROCOMPUTER for Voltage SYNTHESISER WITH OSD Controller Single-chip 8-bit CMOS microcfomputer for voltage synthesizer with on-screen display controller.
|
Mitsubishi Electric Corporation
|
LC66562B LC66566B |
12 amd 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers CMOS LSI
|
Sanyo
|
M37516M6-A05 M37516M6-A05HP M37516M6-A06HP M37516M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 7470/71 Series Microcontrollers: Small Package, Low Cost Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
KS57C4104 KS57C4204 KS57C4304 KS57P4104 KS57P4304 |
(KS57C4104 - KS57P4304) single-chip CMOS microcontroller The KS57C4104/KS57C4204/KS57C4304 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, S
|
SAMSUNG[Samsung semiconductor]
|
M37272M8H-XXXSP M37272M8H-XXXFP M37272M8H-213FP M3 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and OSD
|
Mitsubishi Electric Corporation
|
M38063EB-FP M38066MADFP M38060EFDFP M38061EFDFP M3 |
8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP80 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
http:// Renesas Electronics Corporation
|