PART |
Description |
Maker |
Z2803R3S Z2803R3S_EM Z2801R5S Z2801R5S_EM Z2802R5S |
Hi-Rel DC-DC Rad-Hard Single Converter in a Z package with 2.5 Vout 28V Input, Single Output LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
|
IRF[International Rectifier]
|
UWR-121250-D24A UWR-151000-D48A UWR-1.56000-D48A U |
12V 9-15W, single output DC/DC converter 15V 9-15W, single output DC/DC converter 1.5V 9-15W, single output DC/DC converter
|
Datel
|
UHR-151300-D12 UHR-151300-D48 UHR-3.34850-D12 UHR- |
15V 16-20W, single output DC/DC converter 3.3V 16-20W, single output DC/DC converter 12V 16-20W, single output DC/DC converter
|
Datel
|
VKA100LS02 VKA100LS02F VKA100LS03 VKA100LS03F VKA1 |
100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 30.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.5VDC, IOUT 30.0A. 100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 20.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 3.3VDC, IOUT 20.0A.
|
CANDD[C&D Technologies] C&D TECHNOLOGIES INC
|
UWR-121650-D48A UWR-151300-D48A UWR-121650-D12A |
12V 14-20W, single output DC/DC converter 15V 14-20W, single output DC/DC converter
|
Datel
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
POLS16-05T-P POLS16-05TA-P |
16A Output Current Rating DC/DC Open Frame Power Converter Single Output
|
Wall Industries,Inc.
|
HPR103 HPR100 HPR117 HPR104 HPR107 HPR113 HPR119 H |
MINIATURE SIP/ DIP AND SMD PACKAGES Analog IC 2-OUTPUT 0.75 W DC-DC UNREG PWR SUPPLY MODULE Analog IC 1-OUTPUT 0.75 W DC-DC UNREG PWR SUPPLY MODULE 0.75 Watt Single Output DC/DC Converter SERIES DC/DC CONVERTER
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
WRB0503T-2W WRB2403T-3W WRB4805T-3W WRB1209T-3W WR |
3W SINGLE OUTPUT DC/DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
505S24WFR 503S5WFR-M 505S5WFR-M 512S5WFR-M 515S5WF |
Single Output DC/DC Converter
|
Make-Ps
|