PART |
Description |
Maker |
5026 5026-60 |
Telephone Cable Assembly; Connector Type A:Bantam Plug; Connector Type B:Alligator Clips (2); Cable Length:60" RoHS Compliant: NA Bantam Plug (Miniature Phone Plug) To Alligator Clips
|
Pomona Electronics
|
CA-254S-M_M CA-254S-MM CA-254S-M/M |
Cable, 4 conductor, 2.5mm plug to 2.5 mm plug, no ring, 6 feet, shielded, 26 AWG
|
Tensility International Corp.
|
10-00249 |
Cable, 1830 mm, USB A plug to 3.5x1.35x9.5 mm 50-00056 plug, center negative, 22 AWG, UL2468
|
Tensility International Corp.
|
AC4521520 |
Car cigarette plug to DC plug cable wire
|
OptoSupply International
|
PE38747H-36 |
Violet FAKRA Plug to FAKRA Plug Cable 36 Inch Length Using PE-C100-LSZH Coax
|
Pasternack Enterprises,...
|
B-60-9 B-48-0 B-4-0 B-12-9 |
Test Cable Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:60"; Color:White; Contact Material:Brass; Current Rating:15A RoHS Compliant: Yes INTERCONNECTION DEVICE BANANA PLUG PATCH CORD (BLACK) Connector Assemblies, Test; Connector Type A:Stack-Up Banana Plug; Connector Type B:Stack-up Banana Plug; Cable Length:4"; Color:Black RoHS Compliant: Yes Test Cable Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:12"; Color:White; Contact Material:Brass; Current Rating:15A RoHS Compliant: Yes
|
Pomona Electronics
|
PE38134GR-24 PE38134GR-12 PE38134GR-36 PE38134GR-4 |
CABLE ASSEMBLY, PE-B159, 75 OHM HD PRECISION, RCA PLUG RIGHT ANGLE TO RCA PLUG
|
Pasternack Enterprises,...
|
051-124-9519910 051-124-0000A90 U51-124-953991A |
CABLE TERMINATED, FEMALE, RF CONNECTOR, CRIMP, PLUG CABLE TERMINATED, FEMALE, RF CONNECTOR, SOLDER, PLUG CABLE TERMINATED, FEMALE, RF CONNECTOR, SOLDERLESS, PLUG
|
ITT CANNON
|
PE9930-36-B |
Banana Plug to Banana Plug Cable 36 Inch Length Using Black Wire
|
Pasternack Enterprises, Inc.
|