PART |
Description |
Maker |
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
EVAL-AD7989-5SDZ |
18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
|
Analog Devices
|
AD7920BRMZ AD7910AKSZ-500RL7 AD7910AKSZ-REEL AD791 |
250 kSPS, 12- Bit ADC in 6 Lead SC70; Package: MSOP; No of Pins: 8; Temperature Range: Industrial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70 250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
|
Analog Devices, Inc.
|
AD7923BRU EVAL-AD7923CB2 AD7923 |
Four Wall Header; No. of Contacts:60; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Body Material:Glass-filled Polyester; Contact Plating:Nickel; Leaded Process Compatible:No; Mounting Type:Through Hole RoHS Compliant: No 4-Channel 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP 4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP 4-Channel 200 kSPS, 12-Bit A/D Converter with Sequencer in 16-Lead TSSOP
|
ADC AD[Analog Devices]
|
AD7851KR-REEL AD7851ANZ EVAL-AD7851CB4 AD7851ARZ A |
14-Bit, 333 kSPS, Serial Sampling A/D Converter; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24 14-Bit, 333 kSPS, Serial Sampling A/D Converter; Package: PLASTIC DIP; No of Pins: 24; Temperature Range: Industrial 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP24 14-Bit 333 kSPS Serial A/D Converter
|
Analog Devices, Inc.
|
AD7674 EVAL-CONTROLBRD AD7679ASTRL |
18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC 1-CH 18-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQFP48
|
Analog Devices, Inc.
|
7812 AD7812 AD7812YRU AD7811 AD7811YN AD7811YR AD7 |
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs 10-Bit, 8-Channel, 350 kSPS, Serial A/D Converter 10-Bit, 4-Channel, 350 kSPS, Serial A/D Converter 2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
|
AD[Analog Devices]
|
AD977 AD977A |
16-Bit, 200 kSPS BiCMOS A/D Converter(200kSPS 16位A/D转换 16-Bit, 100 kSPS BiCMOS A/D Converter(100kSPS 16位A/D转换 16位,100 kSPS的BiCMOS工艺的A / D转换器(100ksps6位的A / D转换器)
|
Analog Devices, Inc.
|
TT430N18KOC-A TT430N20KOF-K TT430N20KOC-A TT430N22 |
800 A, 1800 V, SCR MODULE-7 800 A, 2000 V, SCR MODULE-7 800 A, 2200 V, SCR MODULE-7 150 A, 800 V, SCR 900 A, 800 V, SCR 900 A, 600 V, SCR 800 A, 800 V, SCR 120 A, 1600 V, SCR
|
Infineon Technologies AG
|
AD7920 AD7920AKS-500RL7 AD7920AKS-REEL AD7920AKS-R |
250 kSPS, 10-Bit ADC in 6 Lead SC70 250 kSPS, 12- Bit ADC in 6 Lead SC70 250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70 250 kSPS 10-/12-Bit ADCs in 6-Lead SC70
|
AD[Analog Devices]
|
|