PART |
Description |
Maker |
NTF6P02T3 NTF6P02T3-D NTF6P02T3G NTF6P02T3/D |
Receptacle With A Wire Wrap Tail NTF6P02T3 Power MOSFET -6.0 Amps, -20 Volts P?Channel SOT23(-6.0A,-20V,P通道,SOT-23封装的功率MOSFET) 10 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET -6.0 Amps, -20 Volts P??annel SOT?23 Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223 20V P-ch HD3e SOT223
|
ONSEMI ON Semiconductor
|
NTTD1P02R2-D NTTD1P02R2/D |
Power MOSFET -1.45 Amps-20 Volts Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package
|
ON Semiconductor
|
MMDFS3P303 MMDFS3P303R2 MMDFS3P303-D |
Power MOSFET 3 Amps / 30 Volts Power MOSFET 3 Amps, 30 Volts P-Channel SO-8, FETKY
|
ONSEMI[ON Semiconductor]
|
NTP6N60-D NTP6N60/D |
Power MOSFET 6 Amps600 Volts Power MOSFET 6 Amps, 600 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
MTD3055V1 MTD3055VT4 MTD3055V MTD3055V-D |
Power MOSFET 12 Amps, 60 Volts N-Channel DPAK Power MOSFET 12Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
NTD23N03R NTD23N03R-1 NTD23N03R-1G NTD23N03RG NTD2 |
Power MOSFET 23A, 25V, N-Channel DPAK 23 Amps / 25 Volts / N-Channel DPAK 23 Amps, 25 Volts, N−Channel DPAK 23 Amps, 25 Volts, N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTP18N06L NTB18N06LT4 NTB18N06LT4G NTB18N06L |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) 15 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) Power MOSFET 15 Amps, 60 Volts, Logic Level N-Channel, D2 Pak
|
Microsemi, Corp. ONSEMI[ON Semiconductor]
|
NTP22N06L NTB22N06L NTP22N06L-D |
Power MOSFET 22 Amps, 60 Volts, Logic Level N-Channel TO-220 and D 2 PAK Power MOSFET 22Amps, 60 Volts,Logic Level N-Channel TO-220(22A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 22 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
NTP75N06 NTP75N06D NTP75N06G NTB75N06 NTB75N06G NT |
Power MOSFET 75 A, 60 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 75 Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
MTD4N20E MTD4N20ET4 MTD4N20E-1 |
N?Channel DPAK Power MOSFET OBSOLETE - Power MOSFET 4 Amps, 200 Volts
|
ON Semiconductor
|
NTMS7N03R2G |
Power MOSFET 7 Amps, 30 Volts
|
ON Semiconductor
|
|