PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
LX8415-00 LX8415-00CST LX8415-25 LX8415-25CST LX84 |
0.5 A LOW DROPOUT POSITIVE REGULATORS 0.5低压降的正调节器 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 0.5 A LOW DROPOUT POSITIVE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Low Drop Out Regulator - Positive Fixed Low Drop Out Regulator - Positive Adjustable
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] N.A.
|
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|
LT1129CQ-5TRPBF LT1129CQTRPBF LT1129CQ-3.3PBF LT11 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 400mV Dropout Voltage
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1117CST-2.85 LT1117CST-3.3 LT1117-3.3 LT1117-5 L |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA的低压差可调和固定工作在2.85V.3VV的正稳压 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
FAN2503S30X FAN2503S33X FAN2502 FAN2502S25X FAN250 |
Low-dropout Voltage Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 150 mA CMOS LDO Regulators 2.6 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 PLUG.PCB TERMINAL 8213 B /2 OB RoHS Compliant: Yes 1.32 V-6.68 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 2.7 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
LT1085CT-12 LT1085CT-3.3 LT1085CT-3.6 LT1085CT-5 L |
TV 128C 128#22D SKT PLUG 3A/ 5A/ 7.5A Low Dropout Positive Fixed Regulators From old datasheet system TV 37C 37#16 PIN PLUG 3A, 5A, 7.5A Low Dropout Positive Fixed Regulators 12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 TV 30C 30MIX SKT PLUG RECP IC-VOLTAGE REGULATOR 12V
|
Seme LAB LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
TK71621ASILH TK71621ASCLH TK71634SILH TK71640ASILH |
LOW DROPOUT VOLTAGE REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 LOW DROPOUT VOLTAGE REGULATOR 3.1 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.6 V FIXED POSITIVE LDO REGULATOR, 0.31 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 CIR 11C 11#16 FR SKT RECP LOW DROPOUT VOLTAGE REGULATOR
|
TOKO Inc. TOKO, Inc.
|
OM7624NM OM7621NM OM7622NM OM7623NM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
|
IRF[International Rectifier]
|
L4931CZ25 L4931CV12 L4931CV120 L4931CV15 L4931CV25 |
5.2 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PSFM3 VERY LOW DROP VOLTAGE REGULATOR WITH INHIBIT GT 25C 25#16 SKT RECP WALL RM 极低降稳压器与抑制研 VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT 极低降稳压器与抑制研 8 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PBCY3 12 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO8 4 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO8 4.7 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO8 4.5 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO8
|
??????浣? ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http:// 意法半导 STMicroelectronics N.V.
|
TK71530 TK715XX TK71519 TK71519S TK71519SCL TK7151 |
LOW DROPOUT VOLTAGE REGULATOR 2.7 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 4.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 8 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 CAP 220UF 4V ELECT HB SMD
|
TOKO, Inc. TOKO Inc. TOKO[TOKO Inc] TOKO[TOKO, Inc]
|
MCP1825 MCP1825-0802E_AB MCP1825-0802E_AT MCP1825- |
0.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSFM5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSFM5 1.2 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSSO5 500 mA, Low Voltage, Low Quiescent Current LDO Regulator
|
Microchip Technology
|
|