PART |
Description |
Maker |
ISL22424TFR16Z ISL22424TFV14Z ISL22424UFR16Z ISL22 |
Dual Digitally Controlled Potentiometer (XDCP?? Dual Digitally Controlled Potentiometer (XDCP? Dual Digitally Controlled Potentiometer (XDCP™), Low Noise, Low Power, SPI® Bus, 256 Taps; Temperature Range: Full-Range Ind; Package: 14-TSSOP T&R
|
Intersil Corporation
|
X93156WM8IZ-2.7 X93156 X93156UM8I-2.7 X93156UM8IZ- |
Digitally Controlled Potentiometer :SEMITOP-4; Voltage, Vceo:600V; Voltage, Vce sat max:1.9V; Current, Ic continuous a Digitally Controlled Potentiometer 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISL2234909 ISL22349WFV14Z |
Quad Digitally Controlled Potentiometers QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO14 Quad Digitally Controlled Potentiometers
|
Intersil Corporation Intersil, Corp.
|
X9C503 X9C103 X9C104ST1 X9C102 X9C10209 X9C104SIZT |
Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 Wiper Position Stored in Non-volatile Memory and Recalled on Power-up Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation Intersil, Corp.
|
EPA1145-75 EPA1145-250 EPA1145-350 EPA1145-4 EPA11 |
Tapped Delay Line Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-PDIP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP 抽头延迟
|
Molex, Inc.
|
ISL22343UFR20Z ISL22343WFV20Z ISL22343UFV20Z |
Quad Digitally Controlled Potentiometer XDCP Quad Digitally Controlled Potentiometer (XDCP™), Low Noise, Low Power, I2C® Bus, 256 Taps; Temperature Range: Full-Range Ind; Package: 20-QFN 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PQCC20
|
Intersil Corporation Intersil, Corp.
|
EPA1130G-44 EPA1130-350 EPA1130G-75 EPA1130G-250 E |
Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Sony, Corp.
|
X9430 X9430WS24 X9430WS24-2.7 X9430WS24I X9430WS24 |
Dual Digitally Controlled Potentiometer (XDCP⑩) with Operational Amplifier Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
|
XICOR[Xicor Inc.]
|
X9401WS24IZ-2.7 X9401WV24IZ X9401WS24IZT1 X9401WS2 |
Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP? Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC T&R QUAD 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
Intersil Corporation Intersil, Corp.
|
EPA2398-60 EPA2398-600 EPA2398-40 EPA2398-35 EPA23 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Delay Line 延迟
|
Belden, Inc. TE Connectivity, Ltd. EPCOS AG
|
EPA1130G-350 EPA1130G-125 EPA1130G-300 EPA1130G-50 |
DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|8PIN|PLASTIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-PDIP Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-PDIP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-PDIP 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 8引脚|塑料 DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
数字电位
|