PART |
Description |
Maker |
EPA1145-75 EPA1145-250 EPA1145-350 EPA1145-4 EPA11 |
Tapped Delay Line Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-PDIP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP 抽头延迟
|
Molex, Inc.
|
EP9604G-32 EP9604G-36 EP9604G-800 EP9604G-600 EP96 |
Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™)Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
NXP Semiconductors N.V.
|
X9408YV24 X9408YV24I X9408YV24IZ X9408YV24Z X9408Y |
Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled (XDCP? Potentiometers Quad Digitally Controlled Potentiometers
|
Intersil, Corp. Intersil Corporation
|
X9418WV24 X9418YV24I-2.7 X9418 X9418-2.7 X9418WP24 |
Dual Digitally Controlled Potentiometers
|
INTERSIL[Intersil Corporation]
|
X9410 X9410WP24 X9410WP24-2.7 X9410WP24I X9410WP24 |
Dual Digitally Controlled Potentiometer
|
XICOR[Xicor Inc.]
|
X9269 X9269TB16 X9269TB16-2.7 X9269TB16I X9269TB16 |
Dual Digitally-Controlled Potentiometers
|
XICOR[Xicor Inc.]
|
X9260US24-2.7 X9260_06 X9260 X9260TS24I X9260TS24I |
Dual Digitally-Controlled Potentiometers
|
INTERSIL[Intersil Corporation]
|
X93255UV14I X93255 |
Dual Digitally Controlled Potentiometers
|
INTERSIL[Intersil Corporation]
|
X9221 |
Dual Digitally Controlled Potentiometer (XDCP)
|
Xicor
|
X9221A |
Dual Digitally Controlled Potentiometer (XDCP)
|
Xicor
|
X9430WS24 X9430WS24-2.7 X9430WS24I X9430WS24I-2.7 |
Dual Digitally Controlled Potentiometer (XDCP? with Operational Amplifier
|
Xicor Inc.
|