PART |
Description |
Maker |
LC5512MC-75F256C LC5512MC-45F256C LC5512MC-75F484C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLDFamily 3.3.5V1.8V在系统可编程扩展可编程逻辑器件XPLD⑩家 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ATV750B ATV750B-10DM_883 ATV750B-10JC ATV750B-10JI |
JOYSTICK SWITCH, 5A; Current, contact rating:5A; Angle:12(degree); Centres, fixing:36mm; Contact style:double throw; Series:1000; Termination method:Solder Tab; Voltage, contact AC:250V RoHS Compliant: Yes Paper, 25 meter roll, 58mm wide, front feed (FTP-622, 624, 627, 628, 629) UV PLD, 15 ns, CDIP24 Paper, 25 meter roll, 80mm wide, front feed (FTP-632, 634, 637, 638, 639) UV PLD, 15 ns, CQCC28 High-Speed UV-Erasable Programmable Logic Device OT PLD, 7.5 ns, PDIP24 Paper, 12 meter roll, 58mm wide (FTP-628WSL) OT PLD, 10 ns, PDSO24 High-Speed UV-Erasable Programmable Logic Device OT PLD, 25 ns, PDSO24 High-speed UV-erasable programmable logic device,83MHz High-speed UV-erasable programmable logic device,58MHz High-speed UV-erasable programmable logic device,92MHz
|
http:// ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
PEEL22CV10AP-25 PEEL22CV10AP-10 PEEL22CV10AP-15 PE |
PEEL?/a> 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL⑩ 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL?/a> 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL?/a> 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
|
ANACHIP[Anachip Corp] http://
|
LC5512MB-45F208C LC5768MB-45F208C LC5512MB-45F208I |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD垄芒 Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD?/a> Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD?Family
|
Lattice Semiconductor http://
|
EP1K30 EP1K100 EP1K30QC208-3 EP1K30QC208-2 EP1K30Q |
From old datasheet system Programmable Logic Family Simple PLD - Datasheet Reference Programmable Logic Device Family
|
ETC[ETC] Altera Corp
|
APEX20KC |
Programmable Logic Device
|
Altera Corporation
|
EP1K20 |
Programmable Logic Device Family
|
Altera
|
EPM9320 EPM9560A EPM9320A EPM9400 EPM9480 EPM9560 |
Programmable Logic Device Family
|
Altera Corporation
|
MAX9000 |
Programmable Logic Device Family
|
ALTERA[Altera Corporation]
|
EPF6016A EPF6016 EPF6016TC144-3 EPF6016TC144-3N EP |
Programmable Logic Device Family
|
Altera Corporation
|
ISD1212P |
Programmable Logic
Device Family
|
N.A.
|
ISPXPLD5XXXMX |
eXpanded Programmable Logic Device XPLD
|
Lattice Semiconductor
|