PART |
Description |
Maker |
CM310701S CM3107 CM3107-00SB CM3107-00SH CM3107-00 |
2 Amp Source/ Sink Bus Termination Regulator for DDR Memory and Front Side Bus Applications
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
APL5332KAC-TR APL5332KAC-TRL APL5332U5C-TRL APL533 |
CMOS LDO with source-sink and output selection function CMOS LDO with Source-Sink & Output Selection Functions Silver Mica Capacitor; Capacitance:33000pF; Capacitance Tolerance: /- 1%; Series:CD30; Voltage Rating:100VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No CMOS LDO with Source-Sink & Output Selection Functions CMOS低压与源
|
ANPEC Electronics Corporation ETC ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
CM8562PIS CM8562P CM8562PGIS |
2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
|
List of Unclassifed Manufacturers ETC[ETC]
|
A1SJ71UC24-R2 A1SY81 A1SJ71UC24-R4 A1SNMCA-8KP A1S |
MODULE COMMS RS232 OUTPUT CARD SINK/SOURCE 32 P MODULE COMMS RS422 MEMORY EPROM 8K GPP INPUT CARD SINK/SOURCE 16 P OUTPUT CARD SINK/SOURCE 16 P MEMORY EPROM 2K CPU MODULE 64K 通讯科的RS232模块 路RS422模块通讯 CPU MODULE 8K CPU模块8K REMOTE I/O MODULE 远程I / O模块
|
飞思卡尔半导体(中国)有限公司 Electronic Theatre Controls, Inc.
|
LT1118CS8-5PBF LT1118CST-5TRPBF LT1118CST-5PBF LT1 |
Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2.1 V-6.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MC74LVQ125 MC74LVQ125D MC74LVQ125DT MC74LVQ125M MC |
Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source/sink 16-HTSSOP -40 to 85 LVQ SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source/sink 16-HTSSOP -40 to 85 低电压CMOS四路缓冲 LOW-VOLTAGE CMOS QUAD BUFFER
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
CM8562PGIS CM8562P |
2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
|
Champion Microelectronic Corp.
|
CM8562B CM8562BGIN252 CM8562BGIS CM8562BIN252 CM85 |
1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
|
Champion Microelectronic Corp.
|
EUP7998 |
Sink/Source DDR Termination Regulator
|
Eutech Microelectronics Inc
|
LX5261CDP LX5261 |
27-Line LVD SCSI Source/Sink Regulator
|
MICROSEMI[Microsemi Corporation]
|
DS4412 |
I2C Adjustable Sink/Source Current DAC
|
Maxim Integrated Products
|
ADR441 ADR444 |
Ultralow Noise, LDO XFET? 2.5V Voltage Reference w/Current Sink and Source Ultralow Noise, LDO XFET? 4.096V Voltage Reference w/Current Sink and Source
|
Analog Devices
|