PART |
Description |
Maker |
AT25DF02109 AT25DF021-SH-B AT25DF021-SH-T AT25DF02 |
IC FLASH MEM 2MB SPI SER 8UDFN 2M X 1 SPI BUS SERIAL EEPROM, DSO8 2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. http:// 聚兴科技股份有限公司 ATMEL Corporation
|
AT25F1024 |
1 M-bit, SPI Bus Serial Flash, High-speed, SPI Mode 0 and 3
|
Atmel
|
W25Q32BV W25Q32BVSSAG W25Q32BVDAAP W25Q32BVZPAP W2 |
3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI 32M X 1 SPI BUS SERIAL EEPROM, PDSO16
|
WINBOND ELECTRONICS CORP
|
IS25C02 IS25C02-2GI IS25C02-2GLI IS25C02-2PI IS25C |
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc. 天津新技术产业园区管理委员会 ISSI[Integrated Silicon Solution, Inc]
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
CAT150169JWI-GT3 CAT150169LWI-GT3 CAT150161JWI-GT3 |
8K X 1 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 Supervisor with 16 k SPI EEPROM 16K X 1 SPI BUS SERIAL EEPROM, PDSO8 Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
AT25020 AT25020-10PC AT25020-10PC-1.8 AT25020-10PC |
SPI Serial EEPROMs High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-TSSOP -55 to 125 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SO -55 to 125 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 256 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 128 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 128 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ATMEL[ATMEL Corporation] Atmel Corp. PROM Atmel, Corp.
|
AT25320 AT25320-10PC AT25320-10PC-1.8 AT25320-10PC |
SPI Serial EEPROMs High Speed CMOS Logic 8-Input NAND Gate 14-TSSOP -55 to 125 SPI Serial EEPROMs 8K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 4K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 1K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 High Speed CMOS Logic 8-Input Multiplexer with 3-State Outputs 16-SOIC -55 to 125 4K X 8 SPI BUS SERIAL EEPROM, PDIP8 128 x 128 pixel format, LED Backlight available 128 x 128 pixel format, LED or EL Backlight available CAP 220PF 200V 1% NP0(C0G) DIP-2 BULK M-MIL-C-39014 CAP 100PF 200V 10% NP0(C0G) DIP-2 BULK M-MIL-C-39014
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
PM25LV512 PM25LV010-25QC PM25LV010-25SC PM25LV010- |
512 Kbit, 3.0V serial flash memory with 25 MHz SPI bus interface 1 Mbit, 3.0V serial flash memory with 25 MHz SPI bus interface 512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
|
PMC-Sierra Inc N.A. PMC[PMC-Sierra, Inc]
|
CA-T25128LE-T2 CAT25128LE-GT2 CA-T25128LI-T2 CAT25 |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 0.300 INCH, HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, MS-001, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 2 X 3 MM, HALOGEN FREE AND ROHS COMPLIANT, MO-229, TDFN-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 128 kb SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
25C640 |
The 25C640 is a 64K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|