PART |
Description |
Maker |
LTC1502CS8-3.3 LTC1502CMS8-3.3 LTC1502-3.3 LTC1502 |
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
|
Linear Technology Corporation
|
ZXSC10004 ZXSC100X8 ZXSC100N8 ZXSC100 |
Single Cell System Power Boost Converter SINGLE CELL DC-DC CONVERTER SOLUTION
|
ZETEX[Zetex Semiconductors]
|
P8SG-XXXXEH30M P8SG-0505EH30M P8SG-1205EH30M P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
URA2405D-10WR2 URA2405XD-10WR2 |
REGULATED DUAL/SINGLE OUTPUTDIP PACKAGING, DC-DC CONVERTER REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
SI9731DQ SI9731DB SI9731 |
UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
|
VISAY[Vishay Siliconix]
|
TC3827 TC3827-4.2VUA TC3827-4.1VUA |
The TC3827 is a battery charger controller for a single cell Li-Ion battery. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monitor, Lithium-Ion Battery Charger
|
MICROCHIP[Microchip Technology]
|
SPA02A-05 SPA02A-12 SPA02A-15 |
2W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
DS3-XX12-L DS3-XX15-L DS3-XX05-L DS3-XX09-L |
Single output regulated DC/DC converters 0.5W
|
RSG Electronic Components GmbH
|
SPB03 SPB03A-05 SPB03A-12 SPB03A-15 SPB03B-05 SPB0 |
3W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises C...
|