PART |
Description |
Maker |
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
KBPC1016F_W KBPC1000F_W KBPC1000FW KBPC1001F_W KBP |
Silicon-Bridge Recitifers Rail-To-Rail uPower Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC 0 to 70 Quad Rail-To-Rail uPower Operational Amplifier 14-TSSOP 0 to 70 RES 365K 1% .063W
|
SEMIKRON[Semikron International]
|
MAX969EEE MAX969ESE MAX967 MAX967ESA MAX967EUA MAX |
Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators 8-Bit Bus-Interface Flip-Flops With 3-State Outputs 24-CDIP -55 to 125 四路、微功耗、超低电压、满摆幅输入/输出比较 Single/Dual/Quad / Micropower / Ultra-Low-Voltage / Rail-to-Rail I/O Comparators Single/Dual/Quad Micropower Ultra-Low-Voltage Rail-to-Rail I/O Comparators From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX509-MAX510 MAX510 MAX510ACPE MAX510ACWE MAX510A |
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs Quad Serial 8-Bit DACs with Rail-to-Rail Outputs From old datasheet system
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
LTC2655BCUF-H16TRPBF LTC2655BCUF-L16TRPBF |
Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC2619 LTC2629 LTC2609 LTC2619CGN LTC2619CGN-1 LT |
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
|
LINER[Linear Technology]
|
MAX509/MAX510 |
Quad Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
LTC2604IGNTR LTC2604IGN-1 |
Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX4400 MAX4400AUK-T MAX4400AXK-T MAX4401 MAX4401A |
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown 四路、低成本、单电源、满摆幅运算放大器,带有关断 Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown OP-AMP, 6500 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDSO6 Single/Dual/Quad / Low-Cost / Single-Supply / Rail-to-Rail Op Amps with Shutdown
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1454L LTC1454 LTC1454CS LTC1454IS LTC1454LCS 14 |
Dual 12-Bit Rail-to-Rail Micropower DACs DUAL, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO16 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 20-LCCC -55 to 125 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
DS4802 4802 |
Low Voltage, Micro Power, High Performance, Rail-to-Rail Dual Op-Amp From old datasheet system
|
Dallas
|
LTC2614CGN-1PBF LTC2614IGNPBF LTC2604 LTC2604-15 |
Quad 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16 Quad 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD, SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16 Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
Linear Technology, Corp.
|