PART |
Description |
Maker |
CMLDM8002A CMLDM8002AJ |
SURFACE MOUNT PICOmini DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 0.28 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
2SK304 2SK304D |
N-Channel Silicon MOSFET Low-Frequency Aplifier Applications N-Channel Junction Silicon FET 20 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, JFET
|
Sanyo
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
3HP04SS |
200 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET P-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
3SK231 3SK231U1C 3SK231U1D |
N-Channel Silicon Dual-Gate MOSFET(应用于RF放大器的N沟道双门MOSFET) 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit TRANSISTOR | MOSFET | N-CHANNEL | 18V V(BR)DSS | 25MA I(D) | SOT-143R
|
NEC Corp.
|
2SK3608-01L 2SK3608-S 2SK3608-SJ 2SK3608 |
N-CHANNEL SILICON POWER MOSFET N-CHANNEL SILICON POWER MOSFET 18 A, 200 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
2SK439 2SK439E K439 |
Silicon N Channel MOS FET Silicon N-Channel MOS FET 硅N沟道场效应晶体管 TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 30MA I(D) | SPAK 2SK439
|
Hitachi,Ltd. Sanyo Semicon Device Hitachi Semiconductor
|
2SK544E 2SK544D 2SK544 |
N-Channel Silicon MOSFET FM Tuner, VHF Amplifier Applications Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 30MA I(D) | SPAK
|
SANYO
|
2SK1014-01 |
PTSE 8C 8#20 PIN RECP 12 A, 500 V, 0.74 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
|