PART |
Description |
Maker |
11-11-0320 69008-0972 63600-0479 63819-4870 63819- |
The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the scope.
|
Molex Electronics Ltd.
|
42817-0011 0428170131 |
Solderless Terminal; Wire Size (AWG):12-10 RoHS Compliant: Yes COPPER ALLOY, TIN LEAD FINISH, WIRE TERMINAL MALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
|
Molex, Inc. Molex Electronics Ltd.
|
PN10-6F-D |
Fork Tongue Solderless Terminal; Wire Size (AWG):12-10; Stud Size:#6; Insulator Color:Yellow; Terminal Insulation:Nylon; Pack Quantity:500 COPPER ALLOY, TIN FINISH, FORK TERMINAL
|
Panduit, Corp.
|
19073-0052 19073-0182 |
AB-825-10HDT RAILROAD TERM TAPED WIRE TERMINAL RAILROAD TERMINAL AVIKRIMP (C-830-10XLBK WIRE TERMINAL
|
Molex, Inc.
|
08-58-0103 08-50-0120 08-52-0072 08-56-0105 08-52- |
KK 156 TERMINAL CRIMP 18-24 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass; Contact Plating:Tin BRASS, WIRE TERMINAL Connector Contact,SKT,IDC Terminal RoHS Compliant: Yes Solderless Terminal; Wire Size (AWG):26-22 RoHS Compliant: Yes KK 156 TERMINAL CRIMP 18-24 AWG TIN
|
Molex, Inc. ITT, Corp. MOLEX INC
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1016200000 |
Terminal Block; Wire Size (AWG):22-14; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp 6 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
572-4860 572-4860-04-01-16 |
BRASS, SILVER FINISH, PCB TERMINAL Insulated solder terminal, Slotted
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
0401460000 |
Modular terminal, accessories, Terminal rail (cable support construction), plastic
|
Weidmuller
|
72118-C |
9.53mm Pitch Beau PCB Terminal Strip, Screw Terminal, 18 Circuits
|
Molex Electronics Ltd.
|
|