PART |
Description |
Maker |
TS68020VF25 TS68020 TS68020DESC02XA TS68020DESC02X |
HCMOS 32-bit Virtual Memory MPU, 16/20/25 MHz HCMOS 32-bit Virtual Memory Microprocessor
|
ATMEL[ATMEL Corporation]
|
IH5019 IH5019CDD IH5019CDE IH5019CPA IH5019CPD IH5 |
Virtual Ground Analog Switch Virtual Ground Analog Switch 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP8 Virtual Ground Analog Switch 4-CHANNEL, SGL ENDED MULTIPLEXER, CDIP14 Virtual Ground Analog Switch 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP14 Virtual Ground Analog Switch 虚拟地面模拟开 RES, 1206, TF, 1R, 5%, 1/4W 虚拟地面模拟开 RES, 2K OHM 1% 1/8W DSUB 17W5 F PCB G50 3-channel; 30V; 10mA; 500mW; virtual ground analog switch
|
Intersil, Corp. INTERSIL[Intersil Corporation] Harris Semiconductor
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
MC-45V8AB641KF-A75 |
64M-byte(8M-word x 64-bit) Virtual Channel(TM) SDRAM DIMM
|
NEC
|
LH28F400BG-TL85 LH28F400BG-L85 LH28F400BG LH28F400 |
4M-BIT (256 x 16) SmartVoltage Flash Memory 4M-BIT (256KB x16) SmartVoltage Flash MEMORY 4M-BIT(256KBx16) SmartVoltage Flash MEMORY 4M-BIT (256K x 16)Smart Voltage Flash Memory
|
SHARP[Sharp Electrionic Components]
|
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
AM29LV128LH103EI AM29LV128LH103FI AM29LV128LH103PC |
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 100ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 110ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 120ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 90ns
|
Advanced Micro Devices
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
EN29GL256H EN29GL256H-90ZIP EN29GL256L-90BAIP EN29 |
256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
|
Eon Silicon Solution Inc.
|
EN29F800T90TI EN29F800 EN29F800B45S EN29F800B45SI |
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
|
ETC[ETC]
|
EN29GL064L-70BAIP EN29GL064H-70BAIP EN29GL064T-70Z |
64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
|
Eon Silicon Solution Inc.
|