PART |
Description |
Maker |
F273-CEG-T |
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
|
STMicroelectronics
|
ST10F273M-4QR3 |
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
|
ST Microelectronics
|
ST10F27606 |
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
ST10F276Z5 ST10F276Z507 |
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
ST72324BK2 ST72F324BK2B5 ST72F324BK2B6 ST72F324BK2 |
8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
STMicroelectronics
|
UAA1044 |
8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
|
|
R5F562N8ADLE R5F562N7ADLE RX62N R5F562N8ADFP R5F56 |
100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
|
Renesas Electronics Corporation http://
|
STM8AF6213 STM8AF6226 STM8AF6223A |
Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
|
STMicroelectronics
|
ATMEGA32 ATMEGA32L |
32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation.
|
Atmel
|
|