PART |
Description |
Maker |
5.0SMLJ90A 5.0SMLJ100A 5.0SMLJ110A 5.0SMLJ11A 5.0S |
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
NCR45CF |
Finite Impulse Response Filter
|
Symbios Semiconductors
|
2R20S-600V |
High Impulse Current Gas Discharge Tubes
|
HuaXinAn Electronics CO...
|
S89R11APP1-120 S89R11DBD1-12 S89R5DBD1-12 S89R11AB |
Bistable, Impulse Relay 15 and 20 Amp Industrial Rating Continuous Coil Rating
|
Tyco Electronics
|
Q67121-C942 Q67121-C946 Q67121-C967 SAF-C167CR-LM |
16-Bit CMOS Single-Chip Microcontroller CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 1000 turn
|
SIEMENS AG
|
TC5012BP TC5048AP TC4528BP TC4528BFN |
5000 SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDIP16 5000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 17-BIT UP BINARY COUNTER, PDIP16 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDIP16 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDSO16
|
|
MR106H |
RF/LO: 2.0 to 18.0 GHz IF: 10 to 5000 MHz
|
API Technologies Corp
|
B49410B2506Q000 |
Single cell 5000 F/ 2.5 V
|
EPCOS[EPCOS]
|
K2960TT500 |
5825 A, 5000 V, SCR
|
WESTCODE SEMICONDUCTORS LTD
|
C5179G C5179K C5179V |
5000 WATTS (AC) DC/D CSINGLE OUTPUT
|
Powerbox
|