PART |
Description |
Maker |
ZL50017 |
1024 x 1024 Channels Selectable Rate (2, 4, 8 Mbps) Non-blocking TDM Switch
|
Zarlink Semiconductor
|
ZL50017 |
1024 x 1024 Channels Selectable Rate (2, 4, 8 Mbps) Non-blocking TDM Switch
|
ZARLINK
|
S9737-01 S9737-03 |
CCD area image sensor 1024 1024 pixels, front-illuminated FFT-CCDs
|
Hamamatsu Photonics
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
2R12S-600H |
High Impulse Current Gas Discharge Tubes
|
HuaXinAn Electronics CO...
|
2R25-600L |
High Impulse Current Gas Discharge Tubes
|
HuaXinAn Electronics CO...
|
G5NB-1ADC12 G5NB-1A-DC5 |
A Slim Compact Relay with 3 A Switching Capability and 10-kV Impulse Withstand Voltage
|
Omron Electronics LLC
|
AD5174BRMZ-10-RL7 AD5174BCPZ-10-RL7 |
Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory, Package: 10 ld MSOP, 10 Pin, Temp: Ind 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO10 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO10 3 X 3 MM, 0.80 MM HEIGHT, ROHS COMPLIANT, LFCSP-10
|
Analog Devices, Inc.
|
EN29LV160AT-70BI EN29LV160AT-90BC EN29LV160AT-90BC |
Replaced by PTN78000W : 16兆位048K × 8 - 1024 kX6位)闪存 Replaced by PTN78000W : 12VOUT 1A WIDE INPUT POSITIVE STEP-DOWN ISR 3-SIP MODULE 16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
|
Electronic Theatre Controls, Inc. Eon Silicon Solution Inc.
|
ISL6700IBZ ISL6700IR ISL6700IRZ ISL6700IB ISL6700 |
1024 x 9 x 2 Asynchronous Bidirectional FIFO Memory 44-PLCC 0 to 70 1024 x 9 x 2 Asynchronous Bidirectional FIFO Memory 64-TQFP 0 to 70 80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
|
INTERSIL[Intersil Corporation]
|
FM1008-200DC FM1008-200SC FM1008-200PC FMX1308-200 |
1024-16384-bit nonvolatile static RAM family 1024-16384-bit nonvlatile static ram family NVRAM (Ferroelectric Based) NVRAM中(基于铁电
|
Ramtron International Corp. Ramtron International, Corp.
|
MAX6675 MAX6675ISA |
HEX SCHMITT-TRIGGER INVERTERS 20-LCCC -55 to 125 Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 1024°C) Cold-Junction-Compensated K-Thermocoupleto-Digital Converter (0C to 1024C) Cold-Junction-Compensated K-Thermocoupleto-Digital Converter (0∑C to 1024∑C) Cold-Junction-Compensated K-Thermocoupleto-Digital Converter (0°C to 1024°C)
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
|