PART |
Description |
Maker |
OV7910P OV7910 |
SINGLE-CHIP CMOS COLOR PAL CAMERA
|
ETC
|
M52038ASP |
PAL SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
|
Mitsubishi Electric Semiconductor
|
AN5195K AN5195K-C |
Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
|
http://
|
LA7685J |
PAL/NTSC Single-chip Color Television Signal Processing Circuit
|
Sanyo Semicon Device
|
LV766106F |
For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
|
Sanyo Semicon Device
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M51408SP M51408E |
From old datasheet system PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ADV7121KP80 ADV7121KP30 ADV7121KP50 |
7V; CMOS 80MHz, triple 10-bit video DAC. For high resolution color graphics, CAE/CAD/CAM applications, image processing, instrumentation, video signal reconstruction 7V; CMOS 30MHz, triple 10-bit video DAC. For high resolution color graphics, CAE/CAD/CAM applications, image processing, instrumentation, video signal reconstruction
|
Analog Devices
|
KA2161 |
pal/ntsc 1 chip ic for color television
|
Samsung semiconductor
|
LA76818A |
TV, VCR, and Video Camera Applications: Single-chip PAL/NTSC bus controller The LA76818A is I2C bus controller ICs that support the different TV broadcast formats used worldwide and aim for rationalization of color TV set desi
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|