PART |
Description |
Maker |
MAX13481E MAX13482E |
(MAX13481E - MAX13483E) ESD-Protected USB Transceivers
|
Maxim Integrated Products
|
CPDF5V0C-HF |
Halogen Free ESD Diodes, V-C=15V, V-ESD=8kV SMD ESD Protection Diode
|
Comchip Technology
|
CPDUR12V CPDUR24V CPDUR5V0 |
ESD Suppressor Diodes, V-C=15V, V-ESD=8kV ESD Suppressor Diodes, V-C=47V, V-ESD=8kV SMD ESD Protection Diode
|
Comchip Technology
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CPDQT12V0U-HF CPDQT5V0U-HF CPDQT3V3U-HF |
Halogen Free ESD Diodes, V-C=23.7V, V-ESD=8kV SMD ESD Protection Diode Halogen Free ESD Diodes, V-C=10.4V, V-ESD=8kV
|
Comchip Technology
|
CPDV24V0SP-HF CPDV3V0SP-HF CPDV12V0SP-HF |
Halogen Free ESD Diodes, V-C=43V, V-ESD=16kV Halogen Free ESD Diodes, V-C=5.15V, V-ESD=16kV Halogen Free ESD Diodes, V-C=19V, V-ESD=16kV
|
Comchip Technology
|
CPDVR085V0UA |
ESD Suppressor Array, V-C=9.8V, V-PV=15kV, V-BD=6V SMD ESD Protection Diode
|
Comchip Technology
|
DF5A8.2LFU |
Product for Use Only as Protection against Electrostatic Discharge (ESD). 产品使用,但对静电放电(ESD)保护
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
CPDQR5V0SP-HF |
Halogen Free ESD Diodes, V-C=14V, V-ESD=12kV
|
Comchip Technology
|
CPDU5V0USP-HF |
Halogen Free ESD Diodes, V-C=13V, V-ESD=8kV
|
Comchip Technology
|
PJSDA5V2W5 PJSDA5V8W5 |
QUAD TVS/ESD ARRAYS FOR ESD AND LATCH-UP PROTECTION
|
Pan Jit International Inc.
|
|