PART |
Description |
Maker |
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
M37531M4T-XXXFP M37531M4T-XXXGP M37531M4T-XXXSP M3 |
Single Chip 8-Bit CMOS Microcomputer 7531/32/36 Series Microcontrollers: SLIM 740 (Low Cost MCU) Including USB Version SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Corporation
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
MBL80C49H MBL80C49N |
(MBL80C39H / MBL80C49H) CMOS Single Chip 8-Bit Microcomputer (MBL80C39N / MBL80C49N) CMOS Single Chip 8-Bit Microcomputer
|
Fujitsu
|
LC66562B LC66566B |
12 amd 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers CMOS LSI
|
Sanyo
|
IC80C32-24PL IC80C52-24PL IC80C52-12PL IC80C32-40P |
(IC80C32 / IC80C52) CMOS SINGLE CHIP 8-BIT MICROCONTROLLER CMOS SINGLE CHIP 8-BIT MICROCONTROLLER CMOS单芯位微控制
|
Integrated Circuit Solution... Air Cost Control
|
IC80C31 IC80C51-24PL IC80C31-12PL |
(IC80C31 / IC80C51) CMOS SINGLE CHIP 8-BIT MICROCONTROLLER CMOS SINGLE CHIP 8-BIT MICROCONTROLLER CMOS单芯位微控制
|
Integrated Circuit Solution Air Cost Control Electronic Theatre Controls, Inc.
|
C161K SAF-C161K-L25M SAF-C161K-LM SAB-C161K-L25M S |
(C161O) 16-Bit Single-Chip Microcontroller CONNECTOR ACCESSORY 16-Bit Single-Chip Microcontroller 16位单片机 16-BIT, 25 MHz, MICROCONTROLLER, PQFP80 16-Bit CMOS Microcontroller
|
Infineon Technologies A... Infineon Technologies AG
|
CXP82220 CXP82224 CXP-82220 CXP-82224 |
IC,MICROCONTROLLER,8-BIT,SPC700 CPU,CMOS,QFP,100PIN,PLASTIC CMOS 8-bit Single Chip Microcomputer
|
SONY[Sony Corporation]
|