PART |
Description |
Maker |
LTM8001 LTM4628 LTM8045 LTM4616IVPBF LTM4620A LTM4 |
Dual 8A per Channel Low VIN DC/DC μModule Regulator
|
Linear Dimensions Semiconductor Linear Dimensions Semic...
|
LTM4614 |
Dual 4A per Channel Low VIN DC/DC uModule Regulator
|
Linear Technology
|
MIC69301 MIC69301-1.2WR MIC69301-1.2WU MIC69301-1. |
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
|
Micrel Semiconductor
|
MIC69101 |
Single Supply VIN / LOW VIN / LOW VOUT / 1A LDO
|
MICREL
|
HEDM-6505U05 HEDS-6510010 HEDM-6505T05 HEDM-6505T0 |
64LED 16 keys User Interface LED driver, I²C Interface; QSOP-24 2 A, Low VIN Dropout, Linear Regulator; 1.1V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.5V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.2V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.8V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 0.75 V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 2.5V; 16-Lead LFCSP_VQ; -40°C to 125°C Large Diameter (56mm). Housed Two and Three Channel Optical Encoders 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 3x86 大口径(五六毫米)。外套二及中三通道光学编码 2 A, Low Dropout, CMOS Linear Regulator;2 A, Low Dropout, CMOS Linear Regulator 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 2.0x228
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Atmel, Corp.
|
AAT2783 |
Triple Output PMIC: Dual Buck with Low-VIN LDO
|
Advanced Analogic Technologies
|
TC1237 TC1237EUN TC1236 TC1236EUN TC1235 TC1235EUN |
The TC1235/1236/1237 are CMOS dual inverting charge pump voltage converters with a low power shutdown mode in MSOP 10-Pin packages. ... The TC1235/1236/1237 are CMOS dual inverting charge pump voltage converters with a low power shutdown mode in MSOP 10-Pin packages. Only four external capaci-tors are required for full circuit implementation. Switching frequencies are 12kH (TC1235 / TC1236 / TC1237) Inverting Dual Charge Pump Voltage Converters with Shutdown Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown 反相双(- VIN,这- 2VIN)电荷泵电压转换器,带有关断
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
443H 754H 1847E 547G 2544E 743E 555H 447 447H 647H |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits LOW LQ 250MA LDO, VIN 16V MAX, VOUT=4.0V, -40C to 125C, 3-SOT-223, TUBE Anything-to-LVPECL/LVDS Translators with Pin-Selectable Divide-by-Four Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits 8-Bit CODECs Wired Remote Controllers 光电 Optoelectronic 光电
|
Thomas RECOM Electronic GmbH
|
LTC2900 LTM4600HVMP LTM4601 LT3837 LT3825 LTM4601A |
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization 8A, Low VIN DC/DC µModule with Tracking, Margining, Multiphase and Frequency Synchronization
|
Linear Technology LINEAR TECHNOLOGY CORP
|
SIL15E-05S1V8-VJ SIL15E-05W3V3-VJ SIL15E SIL15E-05 |
3.0 Vin to 5.5 Vin Single output
|
ARTESYN[Artesyn Technologies]
|
DS1099U DS1099 DS1099U-F DS1099U-M DS1099U-G DS109 |
16 Hz, Low-frequency dual econ oscillator 8.187 kHz, Low-frequency dual econ oscillator 16.375 kHz, Low-frequency dual econ oscillator 32.750 kHz, Low-frequency dual econ oscillator Space-Saving, 8-Channel Relay/Load Driver Low-Frequency Dual EconOscillator 511.7 Hz, Low-frequency dual econ oscillator 255.8 Hz, Low-frequency dual econ oscillator 1 Hz, Low-frequency dual econ oscillator
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|