PART |
Description |
Maker |
LF30XRW LF32XRW LF31XRW |
LF300RE Series / DC/DC Converters
|
MicroPower Direct
|
MT4LC8M8B6DJ-5S MT4LC8M8B6TG-5S MT4LC8M8E1TG-5S MT |
RF Coaxial Connector Adapter; Convert From:F Plug; Convert To:BNC Jack RoHS Compliant: Yes 内存 RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:SMA Jack RoHS Compliant: Yes 内存 DRAM 内存 PLUG, LOW PROFILE 3 POLE
|
Micron Technology, Inc.
|
LC74793 |
IC Sockets Adapter; Convert From:20-Pin SOIC; Convert To:20-Pin DIP; Leaded Process Compatible:No; No. of Contacts:20; Peak Reflow Compatible (260 C):No; No. of Positions:20 RoHS Compliant: No 车辆定位系统/ PDC的切片机集成电路
|
Sanyo Electric Co., Ltd.
|
LP3205-25B5F LP3205-18J5F LP3205-15J5F LP3205-AB5F |
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
ADM119108 ADM1191 ADM1191-2ARMZ-R7 EVAL-ADM1191EBZ |
Digital Power Monitor with Convert Pin and ALERTB Output; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO10
|
Analog Devices, Inc.
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
25C320E/P 25C320E/SN 25C320E/ST 25C320E/ST14 25LC3 |
Fuses, 750mA 125V F CHIP 1206 32K的SPI总线串行EEPROM Fuses, 2A 125V F CHIP 1206 32K的SPI总线串行EEPROM SENSOR REFLECTIVE OBJECT 50MA 32K的SPI总线串行EEPROM LED 525NM ROUND GREEN 3MM 32K的SPI总线串行EEPROM 32K SPI Bus Serial EEPROM 32K的SPI总线串行EEPROM Fuses, 4A 125V F CHIP 1206 32K的SPI总线串行EEPROM Fuses, 5A 125V F CHIP 1206 IC Socket Test Clip Connector Type:Plunger Type RoHS Compliant: Yes SENSOR PHOTOLOGIC REFLECTIVE Transformers Only Module Connector Adapter; Convert From:Phone Jack; Convert To:Double Banana Plug; Body Material:Brass; Body Style:Straight RoHS Compliant: Yes Fuses, 375mA 125V F CHIP 1206 Binding Post; Current Rating:3A; Body Material:Phosphor Bronze; Color:Black; Voltage Rating:2500V Fuses, 1.25A 125V F CHIP 1206 Fuses, 1A 125V F CHIP 1206 Fuses, 3.5A 125V F CHIP 1206 Filter Module w/out Resistor Network Fuses, 1.5A 125V F CHIP 1206 Fuses, 2.5A 125V F CHIP 1206
|
Microchip Technology, Inc. Microchip Technology Inc.
|
LN342GP LN842RP LN242RP LN442YP LN342GPLNG342GDG L |
From old datasheet system 5.0 mm ′ 2.0 mm Series 5.0 MM ? 2.0 MM SERIES Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
1274045-1 |
F Series and G Series; PLUG,VERTICAL,PCB,G SERIES ( AMP )
|
Tyco Electronics
|
W8486A |
EPM Series Power Meters E-Series and 8480 Series Power Sensors
|
Keysight Technologies
|
MBM29LV004TC-12 MBM29LV004TC-90PNS MBM29LV004TC-70 |
4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 120 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 70 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 90 ns, PDSO40 IC, LN PWR DC2DC CONVERT 48VDC-5VDC 1.2A MFR 4M (512K X 8) BIT
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|