PART |
Description |
Maker |
2SD1664 2SD1858 A5800362 2SD1664P 2SD1664T100Q 2SD |
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis Medium Power Transistor (32V/ 1A) Medium Power Transistor (32V, 1A) From old datasheet system Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
Littelfuse Rohm CO.,LTD. ROHM[Rohm]
|
2SB1132 2SB1237 2SA1515S A5800347 2SB1132P 2SB1132 |
Medium Power Transistor 中等功率晶体 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | SC-62 From old datasheet system Medium Power Transistor (-32A,-1A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
2SA2091S 2SA2091STPQ |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR SPT, SC-72, 3 PIN Medium power transistor (60V/ 1A) Medium power transistor (−60V, −1A) Medium power transistor (-60V, -1A)
|
TE Connectivity, Ltd. ROHM[Rohm]
|
2SD214309 2SD1866TV2 |
Medium Power Transistor (Motor, Relay drive) (60隆戮10V, 2A) Medium Power Transistor (Motor, Relay drive) (60±10V, 2A) 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rohm
|
STX817 |
PNP MEDIUM POWER TRANSISTOR NPN MEDIUM POWER TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
2SC3072 |
TRANSISTOR (STROBE FLASH/ MEDIUM POWER AMPLIFIER APPLICATIONS) Transistor Silicon NPN Epitaxial Type (PCT process) Strobe Flash Applications Medium Power Amplifier Applications
|
Toshiba Semiconductor
|
FMMT589 FMMT589TA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23 30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
|
Diodes Incorporated
|
BC51-16PA BC51-10PA BCP51-10 BC51PA |
45 V, 1A PNP medium power transistors 45伏,1安PNP型中等功率晶体管 Si, POWER TRANSISTOR 45 V, 1 A PNP medium power transistors
|
NXP Semiconductors N.V.
|
MC79L0006 MMBT5551-A-AE3-E-R MMBT5551-X-AE3-6-R MM |
PNP EXPITAXIAL PLANAR TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|