PART |
Description |
Maker |
ICS9248-77 ICS9248YF-77 ICS9248YF-77LF AV9248F-77 |
Frequency timing generator for Pentium II system 820 Single Chip Clock, Supports 66.6 - 150MHz Frequency Timing Generator for PENTIUM II Systems 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 150 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 SSOP-48 Replaced by SN74ABT16373A : 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 频率的奔腾II系统时序发生
|
ICST[Integrated Circuit Systems] Integrated Device Technology, Inc. ADDtek, Corp.
|
OTR122SLN OTR122SCN OTR122SCP OTR122SLP OTR121SLP |
MCU 20LD 20 MHZ 2K EPROM with HV I/O, 0C to 70C, 20-CERDIP, TUBE 28LD SOIC, 4 MHz, -40C to 85C, 28-SOIC 300mil, T/R 28LD SSOP, 20 MHz, -40C to 85C, 28-SSOP 208mil, T/R MCU 20LD 20 MHZ 2K EPROM with HV I/O, -40C to 85C, 20-SSOP 208mil, TUBE 28LD SSOP, 4 MHz, 0C to 70C, 28-SSOP 208mil, T/R MCU CMOS 14LD 1K EPRM, 0C to 70C, 14-SOIC 150mil, TUBE
|
TDK, Corp.
|
KPS2801 |
Photo Coupler, Transistor output ( SSOP Type ) High Isolation Voltage DC Input Response Type SSOP Photo Coupler
|
Cosmo Electronics ETC
|
Y15-24S5 Y15-24-12 Y15-48-15 Y15-24-15 Y15-48S5 Y1 |
KIT FOOT FOR 28-SOIC KIT DEVELOPMENT PSOC EXPRESS KIT USB DEVELOPMENT BOARD PSOC PROGRAM BOARD MCU 48-SSOP MCU EMULATOR POD FOR 28-SSOP 2K x 8 Static RAM 3.3V Zero Delay Buffer KIT FOOT FOR 8-SOIC KIT FOOT FOR 20-SSOP HOTLink® Transmitter/Receiver 4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores KIT FOOT FOR 44-TQFP 模拟IC Analog IC 模拟IC MCU PSOC EMU POD FOR ALL SSOP PK 模拟IC PSOC EMU POD FEET FOR 20-DIP
|
TE Connectivity, Ltd.
|
6300F LT6300IGNTRPBF LT6300CGNTRPBF LT6300 |
500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package 500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C DUAL LINE DRIVER, PDSO16 500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL LINE DRIVER, PDSO16 From old datasheet system
|
Linear Technology, Corp.
|
LTC2614CGN-1PBF LTC2614IGNPBF LTC2604 LTC2604-15 |
Quad 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16 Quad 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD, SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16 Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
Linear Technology, Corp.
|
EMRS-1H EMRS-1HTR EMRS-1HX EMRSL-1H EMRSJ-1H |
/-15kV ESD Protected, 3V To 5.5V, 1microamp, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: 0°C to 70°C; Package: 20-SSOP /-15kV ESD Protected, 3V To 5.5V, 1microamp, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -40°C to 85°C; Package: 20-SSOP Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC E-Series Surface Mount Mixer .5 -500 MHz E系列表面贴装混合.5 -500兆赫 /-15kV ESD Protected, 3V To 5.5V, 1microamp, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -40°C to 85°C; Package: 20-SSOP E系列表面贴装混合.5 -500兆赫 /-15kV ESD Protected, 3V To 5.5V, 1microamp, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: 0°C to 70°C; Package: 20-SSOP E系列表面贴装混合.5 -500兆赫
|
Panasonic Industrial Solutions Powertip Technology, Corp.
|
16-351000-10 16-351000-11 14-351000-10 14-351000-1 |
SSOP-to-DIP Adapter
|
Aries Electronics, Inc.
|
20-555000-00 |
SSOP-to-SOWIC Adapter
|
Aries Electronics, Inc.
|
ZCRMZNICE02ZACG |
48-PDIP to 48-SSOP package converter
|
Zilog, Inc.
|
PS2801A-4 PS2801A-4-V-F3 PS2801A-1-V-F3 PS2801A-1- |
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
|
Renesas Electronics Corporation
|
TA1326F |
IC,RF MODULATOR,BIPOLAR,SSOP,16PIN,PLASTIC
|
Toshiba America Electronic
|
|