PART |
Description |
Maker |
FF200R17KE3 FF200R17KE307 |
62mm C-series module with trench/fieldstop IGBT and EmCon diode
|
eupec GmbH
|
FF300R17KE3 |
62mm C-series module with trench/fieldstop IGBT3 and EmCon3 diode
|
EUPEC[eupec GmbH]
|
FF100R12KS4 |
62mm C-Series module with the fast IGBT2 for high-frequency switching
|
Infineon Technologies AG
|
FF400R12KE3 |
62mm C-Series module with trench/fieldstopp IGBT3 and EmCon High Efficiency diode
|
Infineon Technologies AG
|
BL-S30A-15E-XX BL-S30A-15D-XX |
7.62mm (0.3) Single digit Seven Segment LED display series
|
BetLux Electronics
|
FF200R06KE3 |
62mm C-Serien module with trench/fieldstop IGBT3 and EmCon3 diode
|
eupec GmbH
|
CGD15HB62P1 |
Gate Driver for 1200V, 62mm SiC MOSFET Power Module
|
Cree, Inc
|
FF300R06KE3B2 |
62mm C-Serien module with trench/fieldstop IGBT3, EmCon3 diode and M5 power terminals
|
eupec GmbH
|
SD103R25S20PV SD103N25S20MBC SD103N25S20MBV SD103N |
Fast recovery diode From old datasheet system TERM BLOCK PLUG 7.62MM 14POS PCB DISCRETE POWER DIODES and THYRISTORS 分立功率二极管和晶闸 TERM BLOCK PLUG 7.62MM 5POS PCB 分立功率二极管和晶闸
|
IRF[International Rectifier] International Rectifier, Corp.
|
BSM191 C67076-A1009-A2 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug SIMOPAC ? Module From old datasheet system SIMOPAC Module (Power module Single switch N channel Enhancement mode)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|