PART |
Description |
Maker |
ATF1504ASV-15JC84 ATF1504ASVL-20JC84 ATF1504ASV-15 |
Low-voltage, Complex Programmable Logic Device
|
ATMEL Corporation
|
ATF1504ASVL-20QI100 ATF1504ASV-15AI100 ATF1504ASV- |
Low-voltage, Complex Programmable Logic Device Low-voltage Complex Programmable Logic Device
|
ATMEL[ATMEL Corporation]
|
ATF750LVC ATF750LVC-15JC ATF750LVC-15JI ATF750LVC- |
High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDSO24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDIP24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PQCC28 PS2 TO SUN MD8 FLASH CABL 高速复杂可编程逻辑器件 From old datasheet system
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
LB1839 LB1839M |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器 Monolithic Digital IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
LB1837M LB1837 |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
EPM7032SLC44-10 EPM7128ELC84-20 EPM7128ELC84-15 EP |
MAX 7000 Programmable Logic Device COMPLEX-EEPLD,128-CELL,10NS PROP DELAY,LDCC,84PIN,PLASTIC COMPLEX-EEPLD,128-CELL,15NS PROP DELAY,LDCC,84PIN,PLASTIC COMPLEX-EEPLD,128-CELL,20NS PROP DELAY,LDCC,84PIN,PLASTIC COMPLEX-EEPLD,32-CELL,10NS PROP DELAY,LDCC,44PIN,PLASTIC
|
N/A Altera Corp
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
MAX6341CPA MAX6341CSA MAX6341EPA MAX6341ESA MAX634 |
Stereo 2-W Audio Power Amp with 4 Selectable Gain Settings and MUX Control 24-HTSSOP -40 to 85 1ppm/C / Low-Noise / 2.5V/ 4.096V/ 5V Voltage References 1ppm/C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/∑C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/C Low-Noise 2.5V/ 4.096V/ 5V Voltage References 1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/??, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
CY7C4275V CY7C4275V-10ASC CY7C4285V-15ASI CY7C4285 |
3.3V operation for low power consumption and easy integration into low-voltage systems 32K/64Kx18 Low Voltage Deep Sync FIFOs
|
Cypress Semiconductor
|
BCR108L3 BCR108T BCR108W BCR108F |
Single digital (Built-In Resistor) AF-Transistors in TSLP-3 Package Single digital (complex) AF-Transistors in SC75 package Single digital (complex) AF-Transistors in SOT323 package Single digital (complex) AF-Transistors in SOT23 package Single digital (Built-In Resistor) AF-Transistors in TSFP-3 Package
|
Infineon
|
MIC5203 MIC5203-2.8BM5 MIC5203-3.0BM4 MIC5203-3.0B |
??ap??80mA Low-Dropout Voltage Regulator レCap80mA Low-Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 レCap80mA Low-Dropout Voltage Regulator 4.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Enhanced Product 3-V To 6-V, 3-A Output Synchronous-Buck Pwm Switcher W/Integrated Fets 20-HTSSOP -55 to 125 Replaced by PTN78060W : Low Input Voltage 3A Synchronous Buck Converter with 2.5V Output 20-HTSSOP レCap⑩ 80mA Low-Dropout Voltage Regulator μCap 80mA Low-Dropout Voltage Regulator
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|