PART |
Description |
Maker |
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
IS80C286-20 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 20 MHz, MICROPROCESSOR, PQCC68
|
Intersil, Corp.
|
6CIH07B 3CIH07B 80CIL14B 15CIH07B 20CIH07B 25CIH07 |
Microprocessor Supervisory Circuits 3 Pin Microprocessor Reset Monitor, -40C to 125C, 3-SC-70, T/R Fuse 保险
|
Yageo, Corp.
|
INTEL386 KU80386EXTB-20 KU80386EXTB-25 KU80386EXTC |
Microprocessor, Intel386 core, 33MHz Microprocessor, Intel386 core, 25MHz Microprocessor, Intel386 core, 20MHz Intel386 EX Embedded Microprocessor
|
INTEL[Intel Corporation]
|
N80C186XL-16 A80C186XL-16 N80C188XL-16 TR80C188XL- |
16-Bit Microprocessor 16位微处理 Microprocessor 微处理器
|
Panduit, Corp. RF Monolithics, Inc.
|
LEF-C5004T |
Full color LED lamp. Emmitted color: super red, super green, super blue.
|
Letex Technology
|
ADM1818-10AKS-REEL ADM1818-20AKS-REEL ADM1818-10AK |
Microprocessor Supervisory in SOT-23 with Manual Push Button Option Microprocessor Supervisory in SOT-23 with Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active High Push-Pull Output
|
Analog Devices
|
MCF5272VM66 MCF5272CVF66 |
This document provides an overview of the MCF5272 microprocessor features, including the major functional components. MCF5272 Integrated Microprocessor Product Brief
|
Freescale Semiconductor, Inc
|
PC7410 PC7410VGHU500N PC7410VGSU400L PC7410VGSU400 |
32-bit RISC Microprocessor, 400-450 MHZ PowerPC 7410 RISC Microprocessor Product Specification 7410的PowerPC RISC微处理器产品规格
|
Atmel, Corp. Atmel Corp.
|
HS1-80C86RH-8 HS9-80C86RH-8 HS9-80C86RH-Q HS1-80C8 |
Radiation Hardened 16-Bit CMOS Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDFP42
|
Intersil, Corp. http://
|
SA-1110 27824105 GDS1110BB GDS1110AB |
StrongARM Microprocessor From old datasheet system Intel-R StrongARM SA-1110 Microprocessor
|
Intel Corp. INTEL[Intel Corporation]
|
ADM70508 ADM705ARZ ADM705ARZ-REEL ADM705AN ADM705A |
Low Cost Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low Cost Microprocessor Supervisory Circuits 3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Low Cost Microprocessor Supervisory Circuits
|
Analog Devices, Inc. ANALOG DEVICES INC
|