PART |
Description |
Maker |
MPR7050 |
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6C (Gen2) in PCMCIA Type II Package
|
WJCI[WJ Communication. Inc.]
|
MPR5000 |
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna 多协议RFID读写模块的EPC Class 0 / 0级和天线与积分第二代
|
Electronic Theatre Controls, Inc.
|
WJR7090 |
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
|
WJCI[WJ Communication. Inc.]
|
WJM3000 |
Next Generation RFID Reader Module
|
WJ Communication. Inc.
|
CLRC632 CLRC63201T_0FE |
Multiple Protocol Contactless Reader IC
|
Philips Semiconductors
|
MCRF250 MCRF250-I_WFQ23 MCRF250-I_P MCRF250-I_S MC |
The MCRF250 is one time contactlessly programmable passive Radio Frequency Identification (RFID) IC device with advanced anti-collision features. The device is powered by an external RF transmitter (reader) through inductive coupling. The 125 kHz microID Passive RFID Device with Anti-Collision From old datasheet system
|
MICROCHIP[Microchip Technology]
|
MD8274 |
Multi Protocol Serial Controller MULTI-PROTOCOL SERIAL CONTROLLER (MPSC)
|
Intel Corp.
|
UPD72001G-11-22 UPD72001G-A8-22 UPD72001C-A8 UPD72 |
MULTI-PROTOCOL SERIAL CONTROLLERS 5015 RR 14#16 SKT RECP 多协议串行控制器 MULTI-PROTOCOL SERIAL CONTROLLERS 多协议串行控制器
|
NEC, Corp. NEC Corp.
|
HDMP-3001 HDMP-3001K |
Telecommunication IC HDMP-3001K · Evaluation Board for Multi-Protocol IC (MPIC) Ethernet Over SONET/SDH (EOS) Mapper HDMP-3001 · Multi-Protocol IC (MPIC) Ethernet Over SONET/SDH (EOS) Mapper: Fast Ethernet to OC-3
|
Agilent (Hewlett-Packard)
|
MMO-6SF MBB-2 MBB-6 |
Multi-Mod 6 zone interface module
|
Gamewell-FCI by Honeywell Gamewell-FCI by Honeywe...
|
SP506 SP506EK |
Multi-Protocol Serial Transceivers
|
Sipex Corporation
|
UT1553RTMP |
Remote terminal multi-protocol.
|
Aeroflex Circuit Technology
|