PART |
Description |
Maker |
ZL60003TBD ZL60006TED ZL60006_TDD ZL60006_TBD ZL60 |
1310 nm, 1550 nm 622 Mbps PIN with preamplifier. RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps 1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier 1310nm, 1550nm 622Mbps PIN with Preamplifier
|
ZARLINK[Zarlink Semiconductor Inc]
|
SBH52444G-FSAN SBH52444X SBH52444Z-FSAN SBH52444N- |
High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving Components and FTTx solutions - Tx 1310nm/Rx 1550nm, 155 MBit/s TIA High Power BIDI Optical Standard Module 1310 nm Emitting 1550 nm Receiving From old datasheet system High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving Snap-in Panel Mount Switch, Double Pole Double Throw (DPDT) Circuitry, 10 A at 277 Vac, Bullet Nose Plunger Actuator, Silver Contacts, Quick Connect Termination
|
http:// INFINEON[Infineon Technologies AG]
|
PL-SLR-00-L23-CX |
1310/1550 nm 2.5 G LC ROSA
|
JDS Uniphase Corporation
|
54TR-22214 54TR-25110 54TR-24210 54TR-24211 54TR-2 |
2.5 Gb/s Transponder with Mux/Demux (1310 and 1550 nm)
|
JDS Uniphase Corporation
|
MF443 MF443PT MF443ST |
1310 nm, 1550 nm, 155 Mbps PIN with Preamplifier
|
Zarlink Semiconductor Inc
|
SPB-9605LG SPB-9605BG SPB-9605BLG SPB-9605G |
1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
|
Optoway Technology Inc
|
BTR-3621G OPTOWAYTECHNOLOGYINC.-BTR-3621G |
1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
|
Optoway Technology Inc.
|
SPB-9740BMLG SPB-9740AMLG SPB-9740MAG SPB-9740MBG |
1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
|
Optoway Technology Inc
|
BTR-7600MG BTR-7600CMG BTR-7600AMG BTR-7600ACMG |
1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber MM Transceiver
|
Optoway Technology Inc
|
BTR-7720-SPG BTR-7720A-SPG BTR-7720ACG BTR-7720AG |
1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
|
Optoway Technology Inc
|
SPB-9705LG SPB-9705BG SPB-9705BLG SPB-9705G |
1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
|
Optoway Technology Inc
|
SPB-9640AMG SPB-9640AMLG SPB-9640BMG SPB-9640BMLG |
1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
|
Optoway Technology Inc
|