PART |
Description |
Maker |
LTC3412 |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator 4MHz, 2.5A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
G5695 |
1.4MHz 1A Synchronous Step-Down Regulator
|
Global Mixed-mode Techn...
|
LTC3568-15 |
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
RT8011 RT8011PQW RT8011PF RT8011GF RT8011GQW RT801 |
2A, 4MHz, Synchronous Step-Down Regulator
|
Richtek Technology Corporation
|
XF45061 |
600mA 4MHz Synchronous Step-Down DC/DC Converter
|
XySemi
|
LTC3412EFE 3412EFE |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
G5699 |
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
|
Global Mixed-mode Techn...
|
LTC3565 LTC3565EDD-PBF LTC3565EDD-TRPBF LTC3565EMS |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3412AEUF LTC3412AEUF-PBF LTC3412AEUF-TR LTC3412 |
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
PM7541AAX PM7541AFX PM7541AFS PM7541AEX PM7541ABRC |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 1.25A, 4MHz, Synchronous Step-Down DC/DC Converter; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 12-Bit Digital-to-Analog Converter 12位数字到模拟转换 1.25A, 4MHz, Synchronous Step-Down DC/DC Converter; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 12位数字到模拟转换 1.25A, 4MHz, Synchronous Step-Down DC/DC Converter; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C
|
Lascar Electronics, Ltd. Analog Devices, Inc.
|
LTC3417A-1 LTC3417AEDHC-1-PBF LTC3417AEDHC-1-TRPBF |
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
|
Linear Technology
|
MAX8560EZK-T |
4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN 1.27 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO5
|
Maxim Integrated Products, Inc.
|