PART |
Description |
Maker |
PIC16F872T/SO PIC16F872/SO PIC16F872/SS PIC16LF872 |
28-Pin, 8-Bit CMOS FLASH Microcontroller 28-Pin / 8-Bit CMOS FLASH Microcontroller CAT 5E CROSSOVER PATCH CORD CABLE GREEN 10 FT 28-Pin/ 8-Bit CMOS FLASH Microcontroller
|
Microchip Technology Inc.
|
ATMELCORP-ATTINY24A-SSN AT90CAN128-16MN AT32UC3A32 |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC64 32-bit AVR Microcontroller, Audio version, 256KB Flash, 144-pin, SD/SDIO Card 32-bit AVR Microcontroller, 64KB Flash, 100-pin, SD/SDIO Card, AES Crypto Module
|
ATMEL CORP Atmel, Corp.
|
PIC24FJ256DA210T-I/BG PIC24FJ256DA206T-I/BG PIC24F |
64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG) 16-BIT, FLASH, 32 MHz, MICROCONTROLLER, PQCC64
|
Microchip Technology
|
PIC18LF2620-I/SP PIC18F2620ISO PIC18F4620ISO PIC18 |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP28 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
NX25F021B-3S NX25F041B NX25F011B-3S NX25F011B-3V N |
5 V, 2M-bit flash memory with 4-pin SPI interface 5 V, 1M-bit flash memory with 4-pin SPI interface 1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE
|
NexFlash ETC[ETC]
|
PIC10F206-I/MC PIC10F206-I/OT PIC10F206-I/P PIC10F |
6-Pin, 8-Bit Flash Microcontrollers 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO6 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP8 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, DSO8
|
Microchip Technology
|
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
PIC12F636-I/SL PIC12F636-I/SN PIC12F636-I/SS PIC12 |
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 8/14-Pin,基于Flash的纳瓦技术的8位CMOS微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PIC18LF13K50-E_P PIC18LF13K50-E_SO PIC18LF13K50-E_ |
20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC20 5 X 5 MM, 0.90 MM HEIGHT, PLASTIC, QFN-20
|
Microchip Technology http://
|
7D5U5 7D12U5 7A12U5 7A12U15-15 7D5U15-15 7A5U15-15 |
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology, -40C to 125C, 8-DFN, TUBE MCU CMOS 8 LD 1K FLASH, -40C to 85C, 8-SOIC 150mil, T/R MCU CMOS 8 LD 1K FLASH, -40C to 85C, 8-PDIP, TUBE 8-Pin Flash-Based 8-Bit CMOS Microcontrollers, -40C to 85C, 8-SOIC 150mil, T/R Analog IC 模拟IC
|
Glenair, Inc.
|
|