PART |
Description |
Maker |
NCP1010ST130T3 |
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
|
ON Semiconductor
|
NCP1014 NCP1010 NCP1010AP100 NCP1010AP130 NCP1011 |
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
|
ONSEMI[ON Semiconductor]
|
NCP1010AP130 |
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
|
ON Semiconductor
|
NCP1010ST100T3 NCP1014AP065G NCP1012AP065 NCP1012A |
24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 0.55 A SWITCHING REGULATOR, 110 kHz SWITCHING FREQ-MAX, PSSO4 VARISTOR 150V RMS 7MM RADIAL 1 A SWITCHING REGULATOR, 71 kHz SWITCHING FREQ-MAX, PDIP7 Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS 1 A SWITCHING REGULATOR, 71 kHz SWITCHING FREQ-MAX, PDIP7 Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS 1 A SWITCHING REGULATOR, 110 kHz SWITCHING FREQ-MAX, PDIP7 VARISTOR 14VRMS 7MM RADIAL
|
Linear Technology, Corp. Rectron Semiconductor
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
B65820-W1008-D1 B63399-B4 B63399-B5 B65659-F1-X23 |
RM cores are supplied in sets
|
EPCOS AG EPCOS[EPCOS]
|
B65821C1008T002 B63399-B4 B63399-B5 B65659F0001X02 |
RM cores are supplied in sets
|
EPCOS AG EPCOS[EPCOS]
|
PV2S640GG |
HARDWARE SUPPLIED: O-RING AND HEXNUT
|
E-SWITCH
|
ADP3336 |
Customer supplied 6 V to 12 V bench supply
|
Analog Devices
|
52-PV6F240SSG3G1 |
HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
|
E-SWITCH
|