PART |
Description |
Maker |
MAX244CQH-D MAX248CQH-D MAX248EQH-D MAX248EQH-TD M |
5V-Powered, Multichannel RS-232 Drivers/Receivers
|
MAXIM - Dallas Semiconductor
|
MAX220 MAX225 |
5V-Powered, Multichannel RS-232 Drivers/Receivers
|
Maxim Integrated Products, Inc.
|
MAX220 MAX234EJE MAX232A MAX232ACD MAX232ACPE MAX2 |
MAX220?MAX249 5V-Powered, Multichannel RS-232 Drivers/Receivers MAX220?MAX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
|
Maxim Integrated Products Maxim Integrated Produc...
|
0638160500 0638160700 |
AIR POWERED TOOL Operating and Maintenance Instructions AIR POWERED TOOL AIR POWERED TOOL
|
Molex Electronics Ltd.
|
ADSST-21065LCS-240 ADSST-21065LKCA-240 ADSST-21065 |
High End, Multichannel, 32-Bit Floating-Point Audio Processor High End/ Multichannel/ 32-Bit Floating-Point Audio Processor Melody SHARC: Complete Audio Processor for Multichannel Digital Audio
|
意法半导 ST Microelectronics Analog Devices
|
AD7741 AD7741BN AD7741BR AD7741YR AD7742 AD7742BN |
Single and Multichannel, Synchronous Voltage-to-Frequency Converters VOLTAGE-FREQUENCY CONVERTER, 6.144 MHz, PDSO16 Single and Multichannel/ Synchronous Voltage-to-Frequency Converters New Low-Cost, Single-Supply, MultiChannel Synchronous VFC New Low-Cost, Single-Supply, Single-Channel Synchronous VFC
|
ANALOG DEVICES INC AD[Analog Devices]
|
262.75 268.01 268.6 268.75 268.8 268.2 268.25 268. |
900MHz Image-Reject Receivers with Transmit Mixer 保险 WCDMA Quasi-Direct Modulators with VGA and PA Driver 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for MAX2410 Power Drivers for Peltier TEC Modules W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Evaluation Kit for the MAX19692 Evaluation Kit for the MAX2406 Low-Cost Downconverter with Low-Noise Amplifier ±15kV ESD-Protected, 5V RS-232 Transceivers 5V-Powered, Multichannel RS-232 Drivers/Receivers Low-Cost RF Up/Downconverter with LNA and PA Driver Fuse
|
TE Connectivity, Ltd.
|
AD1940YSTZRL AD1941YSTZ AD1941YSTZRL |
SigmaDSP™ Multichannel 28-Bit Audio Processor; Package: LQFP; No of Pins: 48; Temperature Range: Automotive SPECIALTY CONSUMER CIRCUIT, PQFP48 SigmaDSP-TM Multichannel 28-Bit Audio Processor SPECIALTY CONSUMER CIRCUIT, PQFP48
|
Analog Devices, Inc.
|
5962-9224605MLX 5962-9224605M3X 5962-9224602MLX 59 |
Single 8-bit Bus Transceiver 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 位总线收发
|
Electronic Theatre Controls, Inc.
|
MAX1022BETX MAX1021 MAX1023BETX MAX1020BETX MAX102 |
10-Bit / Multichannel ADCs/DACs with FIFO / Temperature Sensing / and GPIO Ports 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports 10位、多通道ADC/DAC,带有FIFO、温度传感器GPIO端口
|
Maxim Integrated Products, Inc.
|