PART |
Description |
Maker |
LCA4-56-L LCA2-14-Q |
1 HOLE CU LUG STD BARREL - RoHS Compliant: Yes COPPER ALLOY, TIN FINISH, WIRE TERMINAL 1-Hole Lug Solderless Terminal; Wire Size (AWG):2; Stud Size:1/4; Body Material:Copper; Body Plating:Tin; Features:Standard Barrel; For Use With:Copper Cable; Pack Quantity:25 RoHS Compliant: Yes COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Panduit, Corp.
|
LCD10-14A-L |
COPPER LUG - TWO-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|
LCA1-14-E |
COPPER LUG - ONE-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|
19221-0166 19221-0016 19221-0011 19221-0018 |
BATT. TERM. HD DC LUG GRY CC (192210166) COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATT. TERM. HD DC LUG PRP CC (192210016) COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATT. TERM. HD DC LUG BLK CC (192210011) COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATT. TERM. HD DC LUG YLW CC (192210018) COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
LCA600-58H-6 LCA600-78H-6 LCA2/0-34H-X LCA6-14H-L |
Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
|
PANDUIT CORP.
|
0504467225 50446-7225 |
Ring Tongue Double Hole Terminal for 300 - 350MCM AWG, Closed UninsulatedBrazed Barrel, Stud Size No Hole, Oxygen-Free Copper, Length 111.00mm (4.370") Ring Tongue Double Hole Terminal for 300 - 350MCM AWG, Closed UninsulatedBrazed Barrel, Stud Size No Hole, Oxygen-Free Copper, Length 111.00mm (4.370)
|
Molex Electronics Ltd.
|
5090 |
Triaxial to BNC coaxial adapter, female/male, 2 lug triax/BNC, 500 Vrms, beryllium copper/brass contact material, brass shell, teflon insulation RoHS Compliant: Yes CABLE TERMINATED, FEMALE-MALE, RF STRAIGHT ADAPTER
|
Pomona Electronics
|
46256LFRX |
Slide Switch; Circuitry:DPDT; Contact Current Max:3A; Switch Terminals:Solder Lug; Mounting Type:Solder Lug; Switch Features:Screwdriver-Slotted Flush Actuator RoHS Compliant: Yes SLIDE SWITCH, DPDT, LATCHED, 0.5A, 125VDC, PANEL MOUNT
|
Switchcraft, Inc.
|
19198-0047 19144-0004 19147-0103 19147-0105 19198- |
SPADE AVIKRIMP (C-841-08) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE INSULKRIMP TAPED (AA-235-08XT) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SPADE VERSAKRIMP (191470103) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE VERSAKRIMP (C-341-08) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE AVIKRIMP TAPED (C-841-10T) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE KRIMPTITE TAPED (AA-135-06T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN TONGUE SPADE #8 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. ITT, Corp. MOLEX INC
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
LP25-122-KT151W LP12-112-KT151W LP12-163-KT151W LP |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 1200 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1100 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 16000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 5100 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1600 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 150 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 390 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 30 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 33 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.6 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 2.4 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.3 ohm, THROUGH HOLE MOUNT RTD TEMP SENSOR-PLATINUM RESISTOR, TEMPERATURE DEPENDENT, PTC, 75 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 20 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 24 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 82 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 68 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 6800 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 180 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1800 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 820 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 680 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 22 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 11 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 13 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 56 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 160 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 68000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.8 ohm, THROUGH HOLE MOUNT
|
RCD Components, Inc. Golledge Electronics, Ltd. RCD COMPONENTS INC
|
|