PART |
Description |
Maker |
MC74VHC1GT04 |
Inverting Buffer / CMOS Logic Level Shifter
|
ETL
|
L74VHC1GT04 |
Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
|
Leshan Radio Company
|
ACTS244MS |
Buffer, Non-Inverting, Tri-State, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
Intersil
|
BC857W BC856W |
PNP general purpose transistors High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BL-B3141 BL-B2441 BL-B2141 BL-BX1341 BL-B1121 BL-B |
High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 STANDARD LED LAMPS(ROUND TYPES) 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-TSSOP -55 to 125 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-PDIP -55 to 125 TBF 5C 5#16S PIN SKT RECP High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
CD74HC138SM |
<font color=red>[Old version datasheet]</font> High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
|
TI store
|
BL-B5134N-1 BL-B1124B BL-B1134G BL-B1134M BL-B1134 |
High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-SOIC -55 to 125 LED 5MM RT ANG SUP DIFF RED PCMN STANDARD LED LAMPS(ROUND TYPES) 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型
|
?╁??′唤?????? YSTONE[Yellow Stone Corp] 早安股份有限公司 Yellow Stone, Corp.
|
BC847C BC849B BC846B BC847B BC847A BC850B BC850C B |
NPN Silicon AF Transistors High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 NPN Silicon AF Transistors NPN AF硅晶体管 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 Low-Noise-Transistors - VCEO=30V; ICM=200 mA
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
CD4050BMS |
Buffer/Converter, Logic Level Conversion, Hex, (UnBuffered), Rad-Hard, CMOS, Logic
|
Intersil
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
MC74VHC1GT05DFT1 MC74VHC1GT05DFT2 MC74VHC1GT05DFT4 |
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs Noninverting Buffer/CMOS Logic Level Shifter Trimmer; Series:3386; Track Resistance:200ohm; Resistance Tolerance: 10%; Power Rating:0.5W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes
|
LRC[Leshan Radio Company] 乐山无线电股份有限公
|