PART |
Description |
Maker |
G615B G61XB G618B G611B G619B |
MULTI-ELEMENT LED LIGHT SOURCE T-1, (3-mm) Round, PCB Mount, Right Anle Array, G61XB Series Tantalum Molded Capacitor; Capacitance: 68uF; Voltage: 4V; Case Size: 2.8x1.9 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 2.5V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 4V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 4V; Case Size: 1.6x3.2 mm; Packaging: Tape & Reel
|
List of Unclassifed Manufacturers ETC[ETC] Instrument Design Engineering Associates N.A. Electronic Theatre Controls, Inc.
|
G65SC22PEI3 G65SC22PEI1 G65SC22PEI2 G65SC22PEI4 G6 |
CMOS VERSATILE INTERFACE ADAPTER WITH INTERVAL TIMER/COUNTERS Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel 的CMOS多功能接口适配器间隔计时器/计数 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 10V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 2.2uF; Voltage: 10V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel Peripheral Interface
|
California Micro Devices Co... California Micro Devices Corporation
|
KBJ10J KBJ10A KBJ10B KBJ10M KBJ10D |
Tantalum Molded Capacitor; Capacitance: 68uF; Voltage: 16V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 47uF; Voltage: 16V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILCON BRIDGE RECTIFIER 技术规格单相桥式整流器秀
|
DC Components Co., Ltd.
|
TR3B227M0040700 TR3A335M020E4000 TR3A2260041500 TR |
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?, Molded Case, Low ESR CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 1206, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 47 uF, SURFACE MOUNT, 1206, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT, 2412, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 5 V, 1 uF, SURFACE MOUNT, 2412, CHIP
|
Vishay Siliconix Vishay Sprague
|
T491A475M010ZT B45196H2475M109 |
Capacitor, Tantalum, SMD, Molded, 4.7 uF, 3216, /-20% Tol, 10V@85C
|
Kemet Corporation
|
P4631-10 G6122 G6122-03 P4639 G6126 P4631 P4631-01 |
Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 4V; Packaging: Tape & Reel Infrared detector module with preamp
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
KBL005 KBL02 KBL04 KBL10 KBL08 KBL01 KBL06 |
Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 16V; Case Size: 5.8x2.3 mm; Packaging: Tape & Reel SINGLE PHASE GLASS BRIDGE RECTIFIER
|
上海朗硕科技有限公司 CHENYI[Shanghai Lunsure Electronic Tech] http://
|
MAX6607 MAX6607IXK-T MAX6607-MAX6608 MAX6608 MAX66 |
Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:20VDC; Capacitor Dielectric Material:Tantalum; Capacitance:18uF; Capacitance Tolerance: 10%; Lead Pitch:3.17mm; Leaded Process Compatible:No RoHS Compliant: No 低电压、模拟温度传感器,SC70及SOT23封装 Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:6VDC; Capacitor Dielectric Material:Tantalum; Capacitance:180uF; Capacitance Tolerance: 10%; Lead Pitch:6.35mm; Leaded Process Compatible:No RoHS Compliant: No Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
|
温度/湿度传感 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CWR11CK107KZZTR13 CWR11CK107JZZTR CWR11CK106JZZTR1 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 100 uF, SURFACE MOUNT, 2916 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT, 1411 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 15 uF, SURFACE MOUNT, 1411 CHIP CAP 1UF 50V 10% TANT SMD-6032-28 TR-7-PL B-FAILURE CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 1 uF, SURFACE MOUNT, 2412
|
AVX, Corp.
|
T495X476K025ATE080 |
Capacitor, Tantalum, SMD, MnO2, Molded, Low ESR, 47 uF, 7343, /-10% Tol, 25 VDC (85C)
|
Kemet Corporation
|
KBU1002G KBU1004G KBU1005G KBU1001G KBU1003G KBU10 |
Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers 单相10安培。玻璃钝化整流桥 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 16V; Case Size: 3.5x2.8 mm; Packaging: Tape & Reel
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
CWR09CK106KZA CWR09CK107JZA CWR09CK106MZA CWR09CC1 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 100 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.15 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.1 uF, SURFACE MOUNT CHIP CAP 15UF 10V 10% TANT SMD-6034-18 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 15 uF, SURFACE MOUNT CAP 33UF 15V 10% TANT SMD-7238-28 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 15 V, 33 uF, SURFACE MOUNT CAP 10UF 25V 10% TANT SMD-6728-28 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 10 uF, SURFACE MOUNT
|
AVX, Corp.
|
|