PART |
Description |
Maker |
G615B G61XB G618B G611B G619B |
MULTI-ELEMENT LED LIGHT SOURCE T-1, (3-mm) Round, PCB Mount, Right Anle Array, G61XB Series Tantalum Molded Capacitor; Capacitance: 68uF; Voltage: 4V; Case Size: 2.8x1.9 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 2.5V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 4V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 4V; Case Size: 1.6x3.2 mm; Packaging: Tape & Reel
|
List of Unclassifed Manufacturers ETC[ETC] Instrument Design Engineering Associates N.A. Electronic Theatre Controls, Inc.
|
TR3B227M0040700 TR3A335M020E4000 TR3A2260041500 TR |
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?, Molded Case, Low ESR CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 1206, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 47 uF, SURFACE MOUNT, 1206, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT, 2412, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 5 V, 1 uF, SURFACE MOUNT, 2412, CHIP
|
Vishay Siliconix Vishay Sprague
|
KA431LZ KA431A KA431AD KA431AZ KA431Z KA431S KA431 |
Programmable Shunt Regulator Tantalum Molded High Reliability Capacitor; Capacitance: 4.7uF; Voltage: 10V; Case Size: 3.5x2.8 mm; Packaging: Tape & Reel 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDIP8 Tantalum Molded High Reliability Capacitor; Capacitance: 1.5uF; Voltage: 16V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel 可编程并联稳压器
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
T491D337K006AT |
Capacitor, Tantalum, SMD, MnO2, Molded, 330 uF, 7343, /-10% Tol, 6.3V@85C
|
Kemet Corporation
|
CWR11FH336KCTR CWR11CH156JB CWR11CH156JC |
CWR11 Solid Tantalum Surface Mount Capacitors Tantamount® Molded Case, Military MIL-PRF-55365/8 Qualified CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 15 uF, SURFACE MOUNT, 1411, CHIP
|
Vishay Sprague
|
T495B106K025ZTE750 |
Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 10 uF, 3528, /-10% Tol, 25V@85C
|
Kemet Corporation
|
KA3027D2 KA3027D2TF |
Tantalum Molded High Reliability Capacitor; Capacitance: 3.3uF; Voltage: 35V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel 4-Channel Motor Driver
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
KA2139 |
Tantalum Molded High Capacitance Capacitor; Capacitance: 10uF; Voltage: 16V; Packaging: Tape & Reel 三通道RGB视频放大 3 CHANNEL R.G.B VIDEO AMPLIFIER
|
Samsung Semiconductor Co., Ltd. Samsung Electronic
|
CWR09CK106KZA CWR09CK107JZA CWR09CK106MZA CWR09CC1 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 100 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.15 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.1 uF, SURFACE MOUNT CHIP CAP 15UF 10V 10% TANT SMD-6034-18 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 15 uF, SURFACE MOUNT CAP 33UF 15V 10% TANT SMD-7238-28 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 15 V, 33 uF, SURFACE MOUNT CAP 10UF 25V 10% TANT SMD-6728-28 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 10 uF, SURFACE MOUNT
|
AVX, Corp.
|
T530D157M010ATE006 |
Capacitor, Tantalum, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 150 uF, 7343, /-20% Tol, 10 VDC (105C)
|
Kemet Corporation
|
MTAN4150-11A MTAN4150-11C MTAN4150R-11A MTAN4150R- |
CAP .39UF 250/275VAC ECQ-UL 0.5单位字母数字显示 Tantalum Capacitor; Capacitor Type:High CV; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Tantalum; Capacitance:150uF; Capacitance Tolerance: /- 20%; ESR:900mohm; Leaded Process Compatible:Yes; Operating Temp. Max:125 C RoHS Compliant: Yes CAPACITOR .039UF UV BOX TYPE Marktech 0.50 Single Alpha Numeric 0.5 Single Digit Alpha Numeric Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
LP62S1024BU-55LLT LP62S1024BM-55LLT LP62S1024BM-70 |
SWITCH KEYLOCK DP3T 4A 45DEG 128K的8位低电压CMOS的SRAM Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:35VDC; Capacitor Dielectric Material:Tantalum; Capacitance:10uF; Capacitance Tolerance: /- 10%; Termination:Axial Leaded RoHS Compliant: Yes Round Illuminated pushbutton switch featuring threaded or snap in panel mount design 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
|