PART |
Description |
Maker |
IS9-2100ARH/PROTO 5962F9953602QXC IS9-2100ARH-Q IS |
High Frequency Half Bridge Driver, Rad-Hard, without UVLO RES POWER .036 OHM 3W 5% SMT Radiation Hardened High Frequency Half Bridge Driver 1.5 A HALF BRDG BASED MOSFET DRIVER, CDFP16
|
Intersil Corporation Intersil, Corp.
|
HIP5015 HIP5015IS HIP5015IS1 HIP5016 HIP5016IS HIP |
7V, 7A SynchroFET?/a> Complementary Drive Synchronous Half-Bridge 7V/ 7A SynchroFET Complementary Drive Synchronous Half-Bridge 7V, 7A SynchroFET Complementary Drive Synchronous Half-Bridge From old datasheet system 7V, 7A SynchroFET⑩ Complementary Drive Synchronous Half-Bridge FPGA - 1000000 SYSTEM GATE 2.5 VOLT - NOT RECOMMENDED for NEW DESIGN Synchronous Half-Bridge Driver(同步半桥驱动 同步半桥驱动器(同步半桥驱动器) 7V, 7A SynchroFETComplementary Drive Synchronous Half-Bridge 7 A HB BASED PRPHL DRVR WITH PWM, PSFM7
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HIP2100IBZT HIP2100IRZ HIP2100EIBZ HIP2100IBT HIP2 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PQCC16 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Drives N-Channel MOSFET Half Bridge 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. Intersil Corporation
|
HIP5010 HIP5010IS HIP5010IS1 HIP5011 HIP5011IS HIP |
7V, 17A SynchroFET?/a> Complementary Drive Synchronous Half-Bridge FPGA - 1000000 SYSTEM GATE 2.5 VOLT - NOT RECOMMENDED for NEW DESIGN HB BASED PRPHL DRVR WITH PWM, PSSO7 Synchronous Half-Bridge Driver(同步半桥驱动 同步半桥驱动器(同步半桥驱动器) 7V, 17A SynchroFETComplementary Drive Synchronous Half-Bridge 7V, 17A SynchroFET⑩ Complementary Drive Synchronous Half-Bridge From old datasheet system 7V, 17A SynchroFET?Complementary Drive Synchronous Half-Bridge 7V, 17A SynchroFET Complementary Drive Synchronous Half-Bridge 7V/ 17A SynchroFET Complementary Drive Synchronous Half-Bridge 7V, 17A SynchroFET?/a> Complementary Drive Synchronous Half-Bridge
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AUIRS2184STR AUIRS21844STR |
Automotive qualified Half Bridge Driver, SoftTurn-On, Single Input Plus Inverting Shut-Down, 400ns Deadtime in a 8-pin DIP package Automotive qualified Half Bridge Driver, SoftTurn-On, Single Input Plus Inverting Shut-Down.
|
International Rectifier
|
TLE84106EL |
1.5 A HALF BRIDGE BASED PRPHL DRVR, PDSO24 GREEN, PLASTIC, SSOP-24 Hex-Half-Bridge Driver IC
|
Infineon Technologies A...
|
IR2214SSPBF IR2214SSTRPBF |
2 A HALF BRIDGE BASED PRPHL DRVR, PDSO24 HALF-BRIDGE GATE DRIVER IC
|
International Rectifier
|
IR2109 IR21094 IR21094S IR2109S IR2109STR |
Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP package Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-lead SOIC package Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
IR51H224 IR51H420 IR51HD224 IR51HD420 IR51H420PBF |
HALF BRIDGE BASED PRPHL DRVR, PSIP7 500V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package 250V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
International Rectifier
|
HIP2103 HIP2104 |
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO 60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO and Two Internal LDOs 12V and 3.3V
|
Intersil
|
IR2111 IR2111PBF IR2111S IR2111SPBF |
Half Bridge Driver, Fixed 650ns Deadtime in a 8-pin DIP package Half Bridge Driver, Fixed 650ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|