PART |
Description |
Maker |
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
CAT3200ES6-5 |
Low Noise Regulated Charge Pump DC-DC Converter
|
ON Semiconductor
|
MCP1252T-ADJI/MS MCP125233X50E/MS MCP125233X50I/MS |
Low-Noise, Positive-Regulated Charge Pump
|
Microchip Technology
|
LTC3204-5 LTC3204-3.3 3204F |
Low Noise Regulated Charge Pump in 2 × 2 DFN From old datasheet system
|
linear
|
PLRF15D PLRC9S PLRB24D PLRC48S PLRE9S PLRC5D PLRC9 |
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Analog IC Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Active RC, 4th Order Lowpass Filter Family; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
ITT, Corp. AVX, Corp.
|
AAT3111IJS-3.3-T1 AAT3111IJS-3.6-T1 AAT3111IGU-3.3 |
MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analog Technology, Inc.
|
LTC1551 LTC1550 LTC1551CS8-4.1 LTC1550IGN LTC1550C |
From old datasheet system Low Noise/ Switched Capacitor Regulated Voltage Inverters Low Noise, Switched Capacitor Regulated Voltage Inverters
|
LINER[Linear Technology] Linear Technology Corporation
|
LTC3202EMS LTC3202 LTC3202EMSTRPBF LTC3202-15 |
Low Noise, High Efficiency Charge Pump for White LEDs 低噪声,高效率电荷泵白光LED Low Noise, High Efficiency Charge Pump for White LEDs; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR CONVERTER, 1500 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LTC1928-5 LTC1928ES6-5 |
30mA Doubler Charge Pump with Low Noise Linear Regulator in SOT-23 DOUBLER CHARGE PUMP WITH LOW NOISE LINEAR REGULATOR IN THINSOT
|
Linear Technology
|
P20P-T |
LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
|
XP Power Limited
|
LTC1516IS8 LTC1516 LTC1516CS8 1516F |
From old datasheet system Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower/ Regulated 5V Charge Pump DC/DC Converter
|
LINER[Linear Technology]
|
SC604A |
Low Noise - High Efficiency Regulated White LED Driver
|
Semtech
|