PART |
Description |
Maker |
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C4096 AS7C34096-15JC AS7C34096-10JC AS7C34096-1 |
5V/3.3V 512K X8 CMOS SRAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO44 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TVSOP -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SOIC -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO36 TV 12C 8#20 4#16 SKT PLUG 512K X 8 STANDARD SRAM, 10 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-SOIC -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SO -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TV 26C 26#20 PIN WALL RECP 512K X 8 STANDARD SRAM, 10 ns, PDSO44 TV 5C 5#16 PIN WALL RECP SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C4096A AS7C4096A-20TIN AS7C4096A-10JC AS7C4096A |
SRAM - 5V Fast Asynchronous 5.0V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-PDIP -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
AS5C4009ECJ-85L_883C AS5C4009ECJ-85L_IT AS5C4009EC |
512K x 8 SRAM Ultra Low Power SRAM 512K X 8 STANDARD SRAM, 100 ns, CDIP32 512K X 8 STANDARD SRAM, 85 ns, CDSO32 512K X 8 STANDARD SRAM, 70 ns, CDSO32 512K X 8 STANDARD SRAM, 55 ns, CDSO32
|
MICROSS COMPONENTS AUSTIN SEMICONDUCTOR INC
|
AT49F8192 AT49F8192- AT49F8192T-90TI AT49F8192-12R |
8-Megabit 512K x 16 5-volt Only CMOS Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PDSO48 8-Megabit 512K x 16 5-volt Only CMOS Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PDSO44 Quadruple 2-Input Positive-NAND Gate 14-TSSOP -40 to 125
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AS7C25512PFD32_36A AS7C25512PFD32A AS7C25512PFD32A |
2.5V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.8 ns, PQFP100 2.5V 512K x 32/36 pipelined burst synchronous SRAM 2.5V的为512k × 32/36管线爆裂同步SRAM 2.5V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.5 ns, PQFP100 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor Corp...
|
AS7C33512NTF18A AS7C33512NTF18A.V.1.1 AS7C33512NTF |
3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD 512K X 18 ZBT SRAM, 10 ns, PQFP100 3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD 512K X 18 ZBT SRAM, 7.5 ns, PQFP100 From old datasheet system NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1355C-100AXC CY7C1355C-100BGXC CY7C1355C-133AX |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBLArchitecture 512K X 18 ZBT SRAM, 7.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBLArchitecture 512K X 18 ZBT SRAM, 6.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBLArchitecture 512K X 18 ZBT SRAM, 6.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS8S512K32AQ1-25L_Q AS8S512K32P-17L/IT AS8S512K32P |
512K X 32 MULTI DEVICE SRAM MODULE, 17 ns, CQFP68 512K X 32 MULTI DEVICE SRAM MODULE, 20 ns, CQFP68 512K X 32 MULTI DEVICE SRAM MODULE, 15 ns, CQFP68 512K X 32 MULTI DEVICE SRAM MODULE, 17 ns, CPGA66 PGA-66 512K x 32 SRAM SRAM MEMORY ARRAY
|
Micross Components Austin Semiconductor
|
GS88118 GS88136 GS88118GT-11IT GS88118GT-11.5IT GS |
512K x 18, 256K x 36 ByteSafe?/a> 8Mb Sync Burst SRAMs 512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs 512K x 18, 256K x 36 ByteSafe8Mb Sync Burst SRAMs 8Mb锛?12K x 18Bit) ByteSafe Synchronous Burst SRAM(8M浣??512K x 18浣??ByteSafe??????RAM锛?甫2浣???插?????板?锛? 512K X 18 CACHE SRAM, 11.5 ns, PQFP100 TQFP-100 512K X 18 CACHE SRAM, 11 ns, PQFP100 TQFP-100 8Mb56K x 36Bit)ByteSafe Synchronous Burst SRAM(8M位(256K x 36位)ByteSafe同步静态RAM(带2位脉冲地址计数器)) 8Mb12K x 18Bit) ByteSafe Synchronous Burst SRAM(8M位(512K x 18位)ByteSafe同步静态RAM(带2位脉冲地址计数器))
|
GSI Technology, Inc.
|
|