PART |
Description |
Maker |
31DQ04TR 31DQ03 31DQ03TR 31DQ04 31DQ04TRG |
SCHOTTKY RECTIFIER 肖特基整流器 40V 3.3A Schottky Discrete Diode in a DO-201AD package 30V 3.3A Schottky Discrete Diode in a DO-201AD package
|
International Rectifier, Corp. IRF[International Rectifier]
|
12TQ040S 12TQ045S 12TQ 12TQ035S 12TQ035 12TQ040 12 |
45V 15A Schottky Discrete Diode in a D2-Pak package 35V 15A Schottky Discrete Diode in a D2-Pak package SCHOTTKY RECTIFIER 35V 15A Schottky Discrete Diode in a TO-220AC package 40V 15A Schottky Discrete Diode in a TO-220AC package 45V 15A Schottky Discrete Diode in a TO-220AC package 40V 15A Schottky Discrete Diode in a D2-Pak package
|
IRF[International Rectifier]
|
MBR0540 2497 |
40V 0.5A Schottky Discrete Diode in a SOD-123 package From old datasheet system SCHOTTKY DIODE
|
International Rectifier
|
STE180N05 |
TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 50V V(BR)DSS | 180A I(D) 晶体管| MOSFET功率模块|独立| 50V五(巴西)直| 180A(丁
|
IXYS, Corp.
|
IRKVF180-08HKN IRKTF180-08HKN IRKLF180-12HKN IRKNF |
THYRISTOR MODULE|SCR|DUAL|CA|800V V(RRM)|180A I(T) THYRISTOR MODULE|SCR DOUBLER|800V V(RRM)|180A I(T) THYRISTOR MODULE|DOUBLER|CA|800V V(RRM)|180A I(T) THYRISTOR MODULE|DOUBLER|CC|800V V(RRM)|180A I(T) THYRISTOR MODULE|SCR|DUAL|CC|800V V(RRM)|180A I(T) THYRISTOR MODULE|DOUBLER|CA|1.2KV V(RRM)|180A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|NEGATIVE|800V V(RRM)|180A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|1.2KV V(RRM)|180A I(T) THYRISTOR MODULE|SCR DOUBLER|1.2KV V(RRM)|180A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|NEGATIVE|1.2KV V(RRM)|180A I(T) 晶闸管模块|倍增|半CNTLD |负| 1.2KV五(无线资源管理)| 180A我(翻译
|
Ironwood Electronics
|
CDBV6-00340TI-G |
Small Signal Schottky Diodes, V-RRM=40V, V-R=40V, I-O=30mA
|
Comchip Technology
|
CDBA5819-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=40V, V-R=40V, I-O=1A
|
Comchip Technology
|
SBA160-04Y |
Schottky Barrier Diode (Twin Type Cathode Common) 40V, 16A Rectifier 40V, 16A Rectifier(用于高频整流应用的重复反向电0V,平均整流电6A 整流 40V/ 16A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
11DQ06 11DQ06TR 11DQ05TR 11DQ05 |
SCHOTTKY RECTIFIER 肖特基整流器 50V 1.1A Schottky Discrete Diode in a DO-204AL package 60V 1.1A Schottky Discrete Diode in a DO-204AL package
|
International Rectifier, Corp. IRF[International Rectifier]
|
SBA100-04J |
40V/ 10A Rectifier 40V 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 40V, 10A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|