PART |
Description |
Maker |
LH5118-10 LH5118HN-10 LH5118D-10 LH5118H-10 LH5118 |
x8 SRAM x8SRAM
|
|
WPS512K8LB-70TFM WPS512K8LC-55TRM WPS512K8LC-55TFM |
x8 SRAM x8的SRAM x8 SRAM x8SRAM
|
Unisonic Technologies Co., Ltd. Assmann Electronics, Inc. NIC Components, Corp.
|
HM62256LP-10 HM62256LP-10SL HM62256P-8 HM62256P-15 |
x8 SRAM x8的SRAM SMA type, Screw lock coupling, Standard coaxial connectors; HRS No: 323-0907-9 00; Contact Mating Area Plating: Gold x8SRAM
|
Hitachi,Ltd.
|
GS816033T-166I GS816019T-133 GS816019T-150 GS81601 |
166MHz 512K x 32 synchronous SRAM 133MHz 1M x 18 synchronous SRAM 150MHz 1M x 18 synchronous SRAM 166MHz 1M x 18 synchronous SRAM 200MHz 1M x 18 synchronous SRAM 225MHz 1M x 18 synchronous SRAM 250MHz 1M x 18 synchronous SRAM
|
GSI Technology
|
R1RW0404DGE-2PR R1RW0404D R1RW0404DGE-2LR REJ03C01 |
Memory>Fast SRAM>Asynchronous SRAM 4M HIGH SPEED SRAM (1-MWORD X 4-BIT)
|
RENESAS[Renesas Electronics Corporation]
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
WS512K32-70 WS512K32-85 WS512K32-100 WS512K32F-85H |
85ns; 5V power supply; 512K x 32 SRAM module, SMD 5962-94611 512Kx32 SRAM Module(512Kx32???RAM妯″?锛???????0ns锛? 512Kx32 SRAM Module(512Kx32???RAM妯″?锛???????00ns锛? 512Kx32 SRAM Module(512Kx32静态RAM模块(存取时5ns 512Kx32 SRAM Module(512Kx32静态RAM模块(存取时0ns
|
White Electronic Designs Corporation
|
AS7C33512PFS32_36A AS7C33512PFS36A-166TQIN AS7C335 |
3.3V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.8 ns, PQFP100 Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C33128NTD18B AS7C33128NTD18B-200TQIN AS7C33128N |
3.3V 128Kx18 Pipelined SRAM with NTD 128K X 18 ZBT SRAM, 3 ns, PQFP100 NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C252MNTD18A AS7C252MNTD18A_V1.2 AS7C252MNTD18A- |
2.5V 2M x 18 Pipelined SRAM with NTD 2M X 18 ZBT SRAM, 3.2 ns, PQFP100 From old datasheet system NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|