PART |
Description |
Maker |
BUS-8553-15L BUS-8553-10S BUS-8553-53S BUS-8553-53 |
Mono 1W speaker and stereo 160mW headset BTL drivers with digital volume control 200W mono BASH® power amplifier 3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers Seven darlington array 通信集成电路 3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers 通信集成电路 /- 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers 通信集成电路 /- 15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers 通信集成电路 CMOS quad 3-state differential line receiver 通信集成电路 Very low noise microphone preamplifier with 2.0V bias output and active low standby mode 通信集成电路 5 V powered multi-channel RS-232 drivers and receivers 通信集成电路 /-15KV ESD protected, Low power RS-485/RS-422 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver /-15 kV ESD protected, low power RS-485/RS-422 transceiver 2.5A high-side driver industrial intelligent power switch Interface circuit (relay and lamp driver) Programmable low voltage 1:10 differential LVDS clock driver Low power single CMOS timer HIGH SPEED DIFFERENTIAL LINE DRIVERS 360mW mono amplifier with standby mode /- 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down /- 15 kV ESD protected 5 V RS-232 transceiver 60 V 6 A quad power half bridge /- 15KV ESD protected 2.3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown 80V - 1.5A QUAD DARLINGTON SWITCHES 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors /- 15 kV ESD protected 3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto power-down GENERAL PURPOSE SINGLE BIPOLAR TIMERS DUAL CHANNEL, 12-BIT, 20MSPS, 120MW, A/D CONVERTER Rail-to-rail input/output 20 MHz GBP operational amplifiers Quad channel high side driver Interface circuit - relay and lamp-driver High-voltage half bridge driver Quad high side smart Power solid state relay DELTA/SIGMA CASCADE 20 BIT STEREO DAC High-voltage high and low side driver Telecommunication IC DUAL CHANNEL, 10 BIT, 20/40MSPS A/D CONVERTER DUAL-CHANNEL, 12-BIT, 40MSPS A/D CONVERTER High side current sense amplifier 50V - 1.5A QUAD DARLINGTON SWITCHES
|
API Delevan Infineon Technologies AG Honeywell International, Inc. Black Box, Corp. Integrated Device Technology, Inc. Cypress Semiconductor, Corp. Electronic Theatre Controls, Inc.
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ICL3217ECA ICL3207ECA ICL3207ECA-T ICL3207ECAZ ICL |
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /-15KV ESD 保护,工作电~5.5V,低功耗,250KBPS,RS232收发 /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /- 15kV ESD防护, 3V5.5V, 低功 250kbps, RS-232收发 RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
Intersil Corporation
|
MAX3232EESE 3232E MAX3222EEAP MAX3222EEPN MAX3222E |
High ESD-Protected, Low Power, 3.0V to 5.5V, Single Supply RS-232 Transceivers
|
List of Unclassifed Manufacturers ETC
|
ISL8488E ISL8491E ISL8489EIB ISL8489EIB-T ISL8489E |
15kV ESD Protected, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers ±15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
ISL8489EISL8491E |
±15kV ESD Protected, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers
|
intersil
|
ISL8487E ISL8487EIB ISL8487EIP |
15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 15kV ESD Protected/ 1/8 Unit Load/ 5V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
ISL81487EIB ISL81487EIP ISL81487LIB ISL81487LIP |
15kV ESD Protected/ 1/8 Unit Load/ 5V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers
|
Intersil
|
ISL83070E06 ISL83070E ISL83078EIUZA ISL83070EIBZA |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 【15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
ISL3172EIBZ-T |
±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
MAX3314E MAX3314ECKA-T MAX3314ECSA MAX3314ECUA MAX |
±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceiver ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceiver 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceiver 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceiver 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceiver 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
|