PART |
Description |
Maker |
USB2226-NU-XX |
IDE COMPATIBLE, FLASH MEMORY DRIVE CONTROLLER, PQFP128 14 X 14 MM, 1 MM HEIGHT, ROHS COMPLIANT, VTQFP-128
|
SMSC, Corp.
|
AM29LV040B-70JF |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:40Mbit; Package/Case:32-PLCC; Peak Reflow Compatible (260 C):No; Supply Voltage Max:3V; Access Time, Tacc:70ns; Series:AM29 RoHS Compliant: Yes 512K X 8 FLASH 3V PROM, 70 ns, PQCC32
|
Spansion, Inc.
|
AM29F400BT-70EF |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:4Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:70ns; Series:AM29 RoHS Compliant: Yes 256K X 16 FLASH 5V PROM, 70 ns, PDSO48
|
Spansion, Inc.
|
UM9203 UM9204 |
Flash Memory IC; Memory Size:8Mbit; Supply Voltage Max:3V; Package/Case:48-TSOP; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes DTMF Receiver
|
Electronic Theatre Controls, Inc. UMC
|
EUA5202QIR0 EUA5202QIR1 |
NAND (SLC) Flash Memory System, 16GB Parallel IDE Solid State Disk Drive NAND (SLC) Flash Memory System, 1GB Parallel IDE Solid State Disk Drive
|
德信科技股份有限公司
|
AM29F002BT-90ED AM29F002BB-70ED AM29F002NBB-70PD |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:2Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 256K X 8 FLASH 5V PROM, 70 ns, PDSO32 Flash Memory IC; Package/Case:32-DIP; Supply Voltage Max:5V; Access Time, Tacc:70ns RoHS Compliant: Yes
|
SPANSION LLC
|
AM29LV002BT-70EF AM29LV002BB-120ED |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:2Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:3V; Access Time, Tacc:70ns; Series:AM29 RoHS Compliant: Yes 256K X 8 FLASH 3V PROM, 70 ns, PDSO40 Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:2Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:3V; Access Time, Tacc:120ns; Series:AM29 RoHS Compliant: Yes
|
Spansion, Inc. SPANSION LLC
|
AM28F020 AM28F021 AM28F020-120EC AM28F020-120EE AM |
3 Megabit (256 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory(509.20 k) Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PQCC32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
ULQ2436M 2436 |
COUNTDOWN POWER TIMER COUNTDOWNPOWERTIMER Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:100ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:56-TSOP; Memory Configuration:128K x 16; Memory Size:256MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes Audio Sample Rate Converter IC; IC Function:Audio Sample Rate Converter IC; Package/Case:28-SOIC; Leaded Process Compatible:No; No. of Channels:2; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes 的CountDown电源定时
|
ALLEGRO[Allegro MicroSystems] AllegroMicroSystems Allegro MicroSystems, Inc.
|
|